Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM50-0011 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM50-0011
Description  High Dynamic Range LNA 800 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0011 Datasheet(HTML) 3 Page - Tyco Electronics

  AM50-0011 Datasheet HTML 1Page - Tyco Electronics AM50-0011 Datasheet HTML 2Page - Tyco Electronics AM50-0011 Datasheet HTML 3Page - Tyco Electronics AM50-0011 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Dynamic Range LNA, 800 - 1000 MHz
AM50-0011
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
700
800
900
1000
FREQUENCY (MHz)
85C
25C
-40C
Typical Performance Curves at VDD = 5 Volts
Typical Current
40
45
50
55
60
65
70
-40
-15
10
35
60
85
TEMPERATURE (°C)
Typical Input IP3
10
12
14
16
18
800
900
1000
FREQUENCY (MHz)
25°C
85°C
-45°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
700
800
900
1000
1100
FREQUENCY (MHz)
Output VSWR
-45°C
25°C
85°C
12
13
14
15
16
17
18
19
700
800
900
1000
FREQUENCY (MHz)
Typical Gain
-45°C
25°C
85°C
Typical Noise Figure
3
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
700
800
900
1000
1100
FREQUENCY (MHz)
25C
-45C
85C
Input VSWR


Similar Part No. - AM50-0011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011 MACOM-AM50-0011 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0011TR MACOM-AM50-0011TR Datasheet
182Kb / 4P
   High Dynamic Range LNA
More results

Similar Description - AM50-0011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com