Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1046UFDB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP1046UFDB
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1046UFDB Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP1046UFDB_15 Datasheet HTML 1Page - Diodes Incorporated DMP1046UFDB_15 Datasheet HTML 2Page - Diodes Incorporated DMP1046UFDB_15 Datasheet HTML 3Page - Diodes Incorporated DMP1046UFDB_15 Datasheet HTML 4Page - Diodes Incorporated DMP1046UFDB_15 Datasheet HTML 5Page - Diodes Incorporated DMP1046UFDB_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP1046UFDB
Document number: DS37712 Rev. 2 - 2
2 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMP1046UFDB
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.8
-3.0
A
t < 5s
TA = +25°C
TA = +70°C
ID
-5.0
-4.0
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-1
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-15
A
Avalanche Current (L = 0.1mH)
IAS
-12
A
Avalanche Energy (L = 0.1mH)
EAS
8
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady State
PD
1.4
W
t < 5s
2.2
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
92
°C/W
t < 5s
55
Thermal Resistance, Junction to Case (Note 5)
RθJC
20
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Notes:
5. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-12
-
-
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
-1.0
µ
A
VDS = -12V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.4
-
-1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
-
37
61
m
VGS = -4.5V, ID = -3.6A
-
47
81
VGS = -2.5V, ID = -3.2A
-
63
115
VGS = -1.8V, ID = -1.0A
Diode Forward Voltage
VSD
-
-0.65
-1.2
V
VGS = 0V, IS = -4.5A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
915
-
pF
VDS = -6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
225
-
pF
Reverse Transfer Capacitance
Crss
-
183
-
pF
Gate Resistance
Rg
-
56.9
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
10.7
-
nC
VDS = -6V, ID = -4.3A
Total Gate Charge (VGS = -8V)
17.9
nC
Gate-Source Charge
Qgs
-
1.7
-
nC
Gate-Drain Charge
Qgd
-
3.0
-
nC
Turn-On Delay Time
tD(on)
-
5.7
-
ns
VDD = -6V, VGS = -4.5V,
RL = 1.6 , RG = 1
Turn-On Rise Time
tr
-
11.5
-
ns
Turn-Off Delay Time
tD(off)
-
27.8
-
ns
Turn-Off Fall Time
tf
-
26.4
-
ns
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP1046UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1046UFDB-13 DIODES-DMP1046UFDB-13 Datasheet
362Kb / 6P
   Low On-Resistance
More results

Similar Description - DMP1046UFDB_15

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com