Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1022UFDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP1022UFDF
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1022UFDF Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP1022UFDF_15 Datasheet HTML 1Page - Diodes Incorporated DMP1022UFDF_15 Datasheet HTML 2Page - Diodes Incorporated DMP1022UFDF_15 Datasheet HTML 3Page - Diodes Incorporated DMP1022UFDF_15 Datasheet HTML 4Page - Diodes Incorporated DMP1022UFDF_15 Datasheet HTML 5Page - Diodes Incorporated DMP1022UFDF_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP1022UFDF
Datasheet number: DS36624 Rev. 4 - 2
2 of 6
www.diodes.com
May 2015
© Diodes Incorporated
DMP1022UFDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-9.5
-7.6
A
t<5s
TA = +25°C
TA = +70°C
ID
-11.0
-8.8
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-90
A
Continuous Source-Drain Diode Current
TA = +25°C
TC = +25°C
IS
-2.5
-7.1
A
Pulsed Source-Drain Diode Current (
10μs pulse, duty cycle = 1%)
ISM
-50
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.73
W
TA = +70°C
0.47
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
172
°C/W
t<5s
128
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.1
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
59
°C/W
t<5s
45
Thermal Resistance, Junction to Case (Note 6)
Steady state
RθJC
5.1
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-12
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
µA
VDS = -12V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.35
-0.8
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
12
14.8
m
VGS = -4.5V, ID = -4A
15
19
VGS = -2.5V, ID = -4A
20
26
VGS = -1.8V, ID = -4A
23
32
VGS = -1.5V, ID = -2A
Diode Forward Voltage
VSD
-0.8
-1.2
V
VGS = 0V, IS = -8A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
2,712
pF
VDS = -10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
514
Reverse Transfer Capacitance
Crss
467
Gate Resistance
Rg
8.6
18
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
48.3
nC
VGS = -8V, VDS = -6V, ID = -10A
Total Gate Charge
Qg
28.6
VGS = -4.5V, VDS = -6V,
ID = -10A
Gate-Source Charge
Qgs
4.2
Gate-Drain Charge
Qgd
7.0
Turn-On Delay Time
tD(on)
25.1
ns
VDS = -6V, VGS = -4.5V,
RG = 1Ω, ID = -8A
Turn-On Rise Time
tr
39.8
Turn-Off Delay Time
tD(off)
141
Turn-Off Fall Time
tf
147
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP1022UFDF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDF-13 DIODES-DMP1022UFDF-13 Datasheet
443Kb / 6P
   Fast Switching Speed
More results

Similar Description - DMP1022UFDF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com