Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC-140SMA Datasheet(PDF) 1 Page - Tyco Electronics

Part # AMC-140SMA
Description  High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AMC-140SMA Datasheet(HTML) 1 Page - Tyco Electronics

  AMC-140SMA Datasheet HTML 1Page - Tyco Electronics AMC-140SMA Datasheet HTML 2Page - Tyco Electronics AMC-140SMA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Performance Amplifier,
29 dB Gain, 10 - 200 MHz
FP-9
V 5.00
C-25
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power
+15 dBm
Vbias
+17.0 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
1. Operation of this device above any one of these
parameters may cause permanent damange.
Pin Configuration
Pin #
Function
Pin #
Function
1
RF OUT
6
RF IN
2
GND
7
GND
3
GND
8
GND
4
GND
9
GND
5
Vbias
2
10
Vbias
2
2. Bias may be applied to either a single bias pin, or both
bias pins. If bias is applied to both bias pins, it is impor-
tant that potential ground loops be avoided, and that
there is adequate filtering on the bias lines.
Features
n
+47 dBm Typical Midband Third Order Intercept
n
+28 dBm Typical Midband 1 dB Compression
n
5.4 dB Typical Midband Noise Figure
Description
M/A-COM’s AM-140 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a flatpack
with flanges. Due to the internal power dissipation the
thermal rise should be minimized. The ground plane on the
PC board should be configured to remove heat from under
the package. AM-140 is ideally suited for use where a high
intercept, high reliability amplifier is required.


Similar Part No. - AMC-140SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMC-142SMA MACOM-AMC-142SMA Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
logo
M/A-COM Technology Solu...
AMC-143 MA-COM-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AMC-143 MA-COM-AMC-143 Datasheet
539Kb / 4P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AMC-143SMA MA-COM-AMC-143SMA Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
logo
Tyco Electronics
AMC-145 MACOM-AMC-145 Datasheet
261Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
More results

Similar Description - AMC-140SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
   High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
   High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com