Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM-AMC-142 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. AM-AMC-142
Description  Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

AM-AMC-142 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
2.2 dB Typical Midband Noise Figure
n
+6 dBm Typical Midband Output Power
n
+20 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-142 is a coupler feedback amplifier with
low noise figure and high intercept points for the low bias
current. The use of coupler feedback minimizes noise figure
and current in a high intercept amplifier. This amplifier is
packaged in a TO-8 package. The ground plane on the PC
board should be configured to remove heat from under the
package.
AM-142 are ideally suited for use where a low
noise, high reliability amplifier is required.
Low Noise Amplifier, 12 dB Gain,
200 - 1000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+20 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn