Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC-132SMA Datasheet(PDF) 3 Page - Tyco Electronics

Part # AMC-132SMA
Description  High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AMC-132SMA Datasheet(HTML) 3 Page - Tyco Electronics

  AMC-132SMA Datasheet HTML 1Page - Tyco Electronics AMC-132SMA Datasheet HTML 2Page - Tyco Electronics AMC-132SMA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-/AMC-132
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
Typical Performance Curves
Noise Figure and 1 dB Compression
VSWR vs. Frequency
3
Ordering Information
Part Number
Package
AM-132 PIN
FP-9
AMC-132 SMA
C-25
1.00
1.25
1.50
1.75
2.00
3
5
10
20
50
100
200
300
Frequency (MHz)
RF IN
RF OUT
4.0
4.5
5.0
5.5
3
5
10
20
50
100
200
300
Frequency (MHz)
28
29
30
31
Noise Figure
Output Power


Similar Part No. - AMC-132SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMC-134SMA MACOM-AMC-134SMA Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AMC-136SMA MACOM-AMC-136SMA Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AMC-138SMA MACOM-AMC-138SMA Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
More results

Similar Description - AMC-132SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
   High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
   High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
   High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com