Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT2222A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT2222A
Description  SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2222A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT2222A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLT2222A_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLT2222A_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLT2222AG
SURFACE MOUNT SILICON
DUAL NPN TRANSISTOR
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
MARKING CODE: 2CG
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
25
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
x10
-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
x10
-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V, IC=100mA, RS=1.0kΩ, f=1.0kHz
4.0
dB
td
VCC=30V, VBE=0.5, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5, IC=150mA, IB1=15mA
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns
www.centr a lsemi.com
R5 (29-June 2015)


Similar Part No. - CMLT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2222AG CENTRAL-CMLT2222AG Datasheet
583Kb / 2P
   SURFACE MOUNT DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
More results

Similar Description - CMLT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
CMLT8099 CENTRAL-CMLT8099_15 Datasheet
512Kb / 3P
   SURFACE MOUNT SILICON DUAL NPN TRANSISTOR
CMLT5088EM CENTRAL-CMLT5088EM_15 Datasheet
616Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT5551 CENTRAL-CMLT5551_15 Datasheet
509Kb / 3P
   SURFACE MOUNT SILICON DUAL, HIGH VOLTAGE NPN TRANSISTOR
logo
Weitron Technology
MUN5211DW WEITRON-MUN5211DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Diodes Incorporated
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N5794U TTELEC-2N5794U Datasheet
487Kb / 3P
   Surface Mount Dual NPN Transistor
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
   SURFACE MOUNT DUAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com