Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG158TB Datasheet(PDF) 4 Page - NEC

Part # UPG158TB
Description  L, S- BAND SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG158TB Datasheet(HTML) 4 Page - NEC

  UPG158TB Datasheet HTML 1Page - NEC UPG158TB Datasheet HTML 2Page - NEC UPG158TB Datasheet HTML 3Page - NEC UPG158TB Datasheet HTML 4Page - NEC UPG158TB Datasheet HTML 5Page - NEC UPG158TB Datasheet HTML 6Page - NEC UPG158TB Datasheet HTML 7Page - NEC UPG158TB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet P14267EJ2V0DS00
4
µµµµPG158TB
TYPICAL CHARACTERISTICS
TEST CONDITIONS: VCONT = 3 V/0 V, Pin = 0 dBm, TA = +25
°C
CH1
50
S11
log MAG
10 dB/ REF 0 dB
–10
–20
–30
–40
1
START 0.300 000 000 GHz
OUT2
OUT1
IN
STOP 3.300 000 000 GHz
Frequency f (GHz)
2
3
4
1:
2:
3:
4:
–23.433 dB
1 GHz
–30.102 dB
1.5 GHz
–25.504 dB
2 GHz
–16.018 dB
2.5 GHz
CH1 S21
log MAG
10 dB/ REF 0 dB
–10
–20
–30
–40
1
START 0.300 000 000 GHz
STOP 3.300 000 000 GHz
Frequency f (GHz)
2
3
4
1:
2:
3:
4:
–28.047 dB
1 GHz
–28.565 dB
1.5 GHz
–25.835 dB
2 GHz
–22.507 dB
2.5 GHz
IN-OUT1
ISOLATION vs. FREQUENCY
IN-OUT1
INPUT RETURN LOSS vs. FREQUENCY
CH1 S21
log MAG
1 dB/ REF 0 dB
–1
–2
–3
–4
1
START 0.300 000 000 GHz
STOP 3.300 000 000 GHz
Frequency f (GHz)
2
3
4
1:
2:
3:
4:
–0.574 dB
1 GHz
–0.662 dB
1.5 GHz
–0.795 dB
2 GHz
–1.111 dB
2.5 GHz
CH1 S22
log MAG
10 dB/ REF 0 dB
–10
–20
–30
–40
1
START 0.300 000 000 GHz
STOP 3.300 000 000 GHz
Frequency f (GHz)
2
3
4
–22.502 dB
1 GHz
–28.139 dB
1.5 GHz
–25.867 dB
2 GHz
–15.601 dB
2.5 GHz
1:
2:
3:
4:
IN-OUT1
OUTPUT RETURN LOSS vs. FREQUENCY
IN-OUT1
INSERTION LOSS vs. FREQUENCY
MARKER 1
1 GHz
MARKER 1
1 GHz
MARKER 1
1 GHz
MARKER 1
1 GHz
0
0
0
0
Caution This data is including loss of the test fixture.


Similar Part No. - UPG158TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG158TB CEL-UPG158TB Datasheet
211Kb / 8P
   쩍W L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG158TB RENESAS-UPG158TB Datasheet
246Kb / 12P
   GaAs INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPG158TB-E3 CEL-UPG158TB-E3 Datasheet
211Kb / 8P
   쩍W L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG158TB-E3 RENESAS-UPG158TB-E3 Datasheet
246Kb / 12P
   GaAs INTEGRATED CIRCUIT
2003
More results

Similar Description - UPG158TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com