Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3827 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3827
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3827_15 Datasheet HTML 4Page - Linear Technology LTC3827_15 Datasheet HTML 5Page - Linear Technology LTC3827_15 Datasheet HTML 6Page - Linear Technology LTC3827_15 Datasheet HTML 7Page - Linear Technology LTC3827_15 Datasheet HTML 8Page - Linear Technology LTC3827_15 Datasheet HTML 9Page - Linear Technology LTC3827_15 Datasheet HTML 10Page - Linear Technology LTC3827_15 Datasheet HTML 11Page - Linear Technology LTC3827_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC3827
8
3827ff
PIN FUNCTIONS
SENSE1, SENSE2(Pins 1, 9): The (–) Input to the Dif-
ferential Current Comparators.
PLLLPF (Pin 2): The phase-locked loop’s lowpass filter is
tied to this pin when synchronizing to an external clock.
Alternatively, tie this pin to GND, INTVCC or leave floating to
select 250kHz, 530kHz or 400kHz switching frequency.
PHASMD (Pin 3): Control Input to Phase Selector which
determines the phase relationships between controller 1,
controller 2 and the CLKOUT signal.
CLKOUT (Pin 4): Output Clock Signal available to daisy-
chain other controller ICs for additional MOSFET driver
stages/phases.
PLLIN/MODE (Pin 5): External Synchronization Input to
Phase Detector and Forced Continuous Control Input. When
an external clock is applied to this pin, the phase-locked
loop will force the rising TG1 signal to be synchronized
with the rising edge of the external clock. In this case, an
R-C filter must be connected to the PLLLPF pin. When
not synchronizing to an external clock, this input, which
acts on both controllers, determines how the LTC3827
operates at light loads. Pulling this pin below 0.7V selects
Burst Mode operation. Tying this pin to INTVCC forces
continuous inductor current operation. Tying this pin to
a voltage greater than 0.9V and less than INTVCC –1.2V
selects pulse skipping operation.
SGND (Pins 6, 33): Small-Signal Ground common
to both controllers, must be routed separately from
high current grounds to the common (–) terminals
of the CIN capacitors. The Exposed Pad is SGND. It
must be soldered to PCB ground for rated thermal
performance.
RUN1, RUN2 (Pins 7, 8): Digital Run Control Inputs for
Each Controller. Forcing either of these pins below 0.7V
shuts down that controller. Forcing both of these pins below
0.7V shuts down the entire LTC3827, reducing quiescent
current to approximately 8μA.
FOLDDIS (Pin 14): Foldback Current Disable Input Pin.
Driving this pin high (to INTVCC) disables foldback current
limiting during short-circuit or overcurrent conditions.
INTVCC (Pin 19): Output of the Internal Linear Low Dropout
Regulator. The driver and control circuits are powered
from this voltage source. Must be decoupled to power
ground with a minimum of 4.7μF tantalum or other low
ESR capacitor.
EXTVCC (Pin 20): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 4.7V. See EXTVCC Connection in
the Applications Information section. Do not exceed 10V
on this pin.
PGND (Pin 21): Driver Power Ground. Connects to the
sources of bottom (synchronous) N-channel MOSFETs,
anodes of the Schottky rectifiers and the (–) terminal(s)
of CIN.
VIN (Pin 22): Main Supply Pin. A bypass capacitor should
be tied between this pin and the signal ground pin.
BG1, BG2 (Pins 23, 18): High Current Gate Drives for Bot-
tom (Synchronous) N-Channel MOSFETs. Voltage swing
at these pins is from ground to INTVCC.
BOOST1, BOOST2 (Pins 24, 17): Bootstrapped Supplies
to the Topside Floating Drivers. Capacitors are connected
between the BOOST and SW pins and Schottky diodes are
tied between the BOOST and INTVCC pins. Voltage swing
at the BOOST pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 25, 16): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
TG1, TG2 (Pins 26, 15): High Current Gate Drives for
Top N-Channel MOSFETs. These are the outputs of float-
ing drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
PGOOD1 (Pin 27): Open-Drain Logic Output. PGOOD1 is
pulled to ground when the voltage on the VFB1 pin is not
within ±10% of its set point.
PGOOD2 (Pin 28): Open-Drain Logic Output. PGOOD2
is pulled to ground when the voltage on VFB2 pin is not
within ±10% of its set point.


Similar Part No. - LTC3827_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1 Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827-1 LINER-LTC3827-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827-1 LINER-LTC3827-1 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827-1 LINER-LTC3827-1 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3827_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com