Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3812-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3812-5
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3812-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3812-5_15 Datasheet HTML 1Page - Linear Technology LTC3812-5_15 Datasheet HTML 2Page - Linear Technology LTC3812-5_15 Datasheet HTML 3Page - Linear Technology LTC3812-5_15 Datasheet HTML 4Page - Linear Technology LTC3812-5_15 Datasheet HTML 5Page - Linear Technology LTC3812-5_15 Datasheet HTML 6Page - Linear Technology LTC3812-5_15 Datasheet HTML 7Page - Linear Technology LTC3812-5_15 Datasheet HTML 8Page - Linear Technology LTC3812-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC3812-5
2
38125fc
Supply Voltages
INTVCC ................................................... –0.3V to 14V
(INTVCC – PGND), (BOOST – SW) ......... –0.3V to 14V
BOOST (Continuous) ............................. –0.3V to 85V
BOOST (≤400ms) .................................. –0.3V to 95V
EXTVCC .................................................. –0.3V to 15V
(EXTVCC – INTVCC).................................. –12V to 12V
(NDRV – INTVCC) Voltage........................... –0.3V to 10V
SW Voltage (Continuous).............................. –1V to 70V
SW Voltage (400ms)..................................... –1V to 80V
ION Voltage (Continuous) ........................... –0.3V to 70V
ION Voltage (400ms) .................................. –0.3V to 80V
RUN/SS Voltage ........................................... –0.3V to 5V
PGOOD Voltage............................................ –0.3V to 7V
VRNG, FCB Voltages.................................... –0.3V to 14V
FB Voltage................................................. –0.3V to 2.7V
TG, BG, INTVCC, EXTVCC RMS Currents .................50mA
Operating Junction Temperature Range
(Notes 2, 3, 7)........................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
ION
VRNG
PGOOD
FCB
ITH
VFB
RUN/SS
SGND
BOOST
TG
SW
PGND
BG
INTVCC
EXTVCC
NDRV
17
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3812EFE-5#PBF
LTC3812EFE-5#TRPBF
3812EFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3812IFE-5#PBF
LTC3812IFE-5#TRPBF
3812IFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3812-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3812-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com