Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3812-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3812-5
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3812-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3812-5_15 Datasheet HTML 7Page - Linear Technology LTC3812-5_15 Datasheet HTML 8Page - Linear Technology LTC3812-5_15 Datasheet HTML 9Page - Linear Technology LTC3812-5_15 Datasheet HTML 10Page - Linear Technology LTC3812-5_15 Datasheet HTML 11Page - Linear Technology LTC3812-5_15 Datasheet HTML 12Page - Linear Technology LTC3812-5_15 Datasheet HTML 13Page - Linear Technology LTC3812-5_15 Datasheet HTML 14Page - Linear Technology LTC3812-5_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC3812-5
11
38125fc
Main Control Loop
The LTC3812-5 is a current mode controller for DC/DC
step-down converters. In normal operation, the top
MOSFET is turned on for a fixed interval determined by
a one-shot timer (OST). When the top MOSFET is turned
off, the bottom MOSFET is turned on until the current
comparator ICMP trips, restarting the one-shot timer and
initiating the next cycle. Inductor current is determined by
sensing the voltage between the PGND and SW pins using
the bottom MOSFET on-resistance. The voltage on the ITH
pin sets the comparator threshold corresponding to the
inductor valley current. The fast 25MHz error amplifier EA
adjusts this voltage by comparing the feedback signal VFB
to the internal 0.8V reference voltage. If the load current
increases, it causes a drop in the feedback voltage relative
to the reference. The ITH voltage then rises until the average
inductor current again matches the load current.
The operating frequency is determined implicitly by the top
MOSFET on-time and the duty cycle required to maintain
regulation. The one-shot timer generates an on time that is
proportional to the ideal duty cycle, thus holding frequency
approximately constant with changes in VIN. The nominal
frequency can be adjusted with an external resistor RON.
Pulling the RUN/SS pin low forces the controller into its
shutdown state, turning off both M1 and M2. Forcing a
voltage above 1.5V will turn on the device.
Pulse-Skipping Mode
The LTC3812-5 can operate in one of two modes selectable
with the FCB pin—pulse-skipping mode or forced
continuous mode (see Figure 1). Pulse-skipping mode is
selected when increased efficiency at light loads is desired
(see Figure 2). In this mode, the bottom MOSFET is turned
off when inductor current reverses to minimize efficiency
loss due to reverse current flow and gate charge switching.
At low load currents, ITH will drop below the zero current
level (1.2V) shutting off both switches. Both switches will
remain off with the output capacitor supplying the load
current until the ITH voltage rises above the zero current
Figure 1. Comparison of Inductor Current Waveforms for Pulse-Skipping Mode
and Forced Continuous Operation
OPERATION
Figure 2. Efficiency in Pulse-Skipping/Forced Continuous Modes
LOAD (A)
0.01
40
50
60
70
80
0.1
1
10
38125 F02
30
20
10
0
90
100
VIN = 12V
VIN = 42V
PULSE
SKIP
FORCED
CONTINUOUS
DECREASING
LOAD
CURRENT
38125 F01
PULSE SKIPPING MODE
0A
0A
0A
0A
0A
0A
FORCED CONTINUOUS


Similar Part No. - LTC3812-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3812-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com