Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3736-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3736-1
Description  Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3736-1_15 Datasheet HTML 7Page - Linear Technology LTC3736-1_15 Datasheet HTML 8Page - Linear Technology LTC3736-1_15 Datasheet HTML 9Page - Linear Technology LTC3736-1_15 Datasheet HTML 10Page - Linear Technology LTC3736-1_15 Datasheet HTML 11Page - Linear Technology LTC3736-1_15 Datasheet HTML 12Page - Linear Technology LTC3736-1_15 Datasheet HTML 13Page - Linear Technology LTC3736-1_15 Datasheet HTML 14Page - Linear Technology LTC3736-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC3736-1
37361f
FREQUENCY (Hz)
–80
–20
–10
–90
–100
–30
–60
–40
–50
–70
0
6M
12M
18M
24M
30M
37361 F01a
–110
RBW = 3kHz
OPERATIO
(Refer to Functional Diagram)
operation enabled) with VIN = 5V, VOUT = 2.5V and IOUT =
1A. Note the significant reduction in peak output noise
(>20dBm).
Short-Circuit Protection
When an output is shorted to ground (VFB < 0.12V), the
switching frequency of that controller is reduced to 1/5 of
the normal operating frequency. The other controller is
unaffected and maintains normal operation.
The short-circuit threshold on VFB2 is based on the smaller
of 0.12V and a fraction of the voltage on the TRACK pin.
This also allows VOUT2 to start up and track VOUT1 more
easily. Note that if VOUT1 is truly short-circuited
(VOUT1 = VFB1 = 0V), then the LTC3736-1 will try to
regulate VOUT2 to 0V if a resistor divider on VOUT1 is
connected to the TRACK pin.
Figure 1a. Output Noise Spectrum of Conventional Buck
Switching Converter (LTC3736-1 with Spread Spectrum
Disabled) Showing Fundamental and Harmonic Frequencies
FREQUENCY (Hz)
–80
–20
–10
–90
–100
–30
–60
–40
–50
–70
37361 F01b
–110
RBW = 30Hz
410k
450k
490k
530k
570k
610k
Figure 1b. Zoom-In of Fundamental Frequency of Conventional
Buck Switching Converter
FREQUENCY (Hz)
–80
–20
–10
–90
–100
–30
–60
–40
–50
–70
0
6M
12M
18M
24M
30M
37361 F01c
–110
RBW = 3kHz
Figure 1c. Output Noise Spectrum of the LTC3736-1 Spread
Spectrum Buck Switching Converter. Note the Reduction in
Fundamental and Harmonic Peak Spectral Amplitude
Compared to Figure 1a.
FREQUENCY (Hz)
–80
–20
–10
–90
–100
–30
–60
–40
–50
–70
37361 F01d
–110
RBW = 30Hz
410k
450k
490k
530k
570k
610k
Figure 1d. Zoom-In of Fundamental Frequency of the
LTC3736-1 Spread Spectrum Switching Converter. Note the
>20dB Reduction in Peak Amplitude and Spreading of the
Frequency Spectrum (Between Approximately 450kHz and
580kHz) Compared to Figure 1b.
Output Overvoltage Protection
As a further protection, the overvoltage comparator (OV)
guards against transient overshoots, as well as other more
serious conditions that may overvoltage the output. When
the feedback voltage on the VFB pin has risen 13.33%
above the reference voltage of 0.6V, the external P-chan-
nel MOSFET is turned off and the N-channel MOSFET is
turned on until the overvoltage is cleared.
Frequency Selection (FREQ Pin)
(Spread Spectrum Operation Disabled)
The switching frequency of the LTC3736-1 can be selected
using the FREQ pin when spread spectrum operation is
disabled (SSDIS = VIN).


Similar Part No. - LTC3736-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736-1 LINER-LTC3736-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3736-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com