Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD900-9P Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SPD900-9P
Description  stem type pin-photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SPD900-9P Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SPD900-9P Datasheet HTML 1Page - Roithner LaserTechnik GmbH SPD900-9P Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
- 1 -
15/04/13
SPD900-9P
Description
SPD900-9P is a Si based PIN-Photodiode in hermetically sealed TO-39 STEM package. It features
a 3.0x3.0mm² active area chip die offering excellent responsivity and high photocurrent. The TO-
39 housing comes with gold plated cap and flat glass lens, giving wide angle of acceptance of ±55°
Maximum Ratings [Ta=25°C]
Parameter
Symbol
Values
Unit
Min.
Max.
Reverse Breakdown Voltage
V(BR)R
170
V
Operating Temperature
TOPR
- 25
+ 100
°C
Storage Temperature
TSTG
- 30
+ 125
°C
Soldering Temperature
TSOLDER
240
°C
Characteristics [T
CASE=25°C]
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Reverse Photo Current (VR=10V, L=1000Lx)
IL
110
µA
Reverse Dark Current (VR=10V)
ID
5
30
nA
Open Circuit Voltage (VR=10V, L=1000Lx)
VOC
350
mV
Spectral Responsivity (Peak)
λ
P
900
nm
Half Angle of sensivity
Ө
1/2
±50
deg.
Total Capacitance (VR=10V, f=1Mhz)
CT
25
pF
Rise time (10%-90%) (VR=10V, RL
=1kΩ)
tr
300
ns
Fall time (90%-10%) (VR=10V, RL
=1kΩ)
tf
600
ns
Lead (Pb) free product – RoHS compliant


Similar Part No. - SPD900-9P

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD91011W WILLSEMI-SPD91011W Datasheet
447Kb / 6P
   1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD91011W-2/TR WILLSEMI-SPD91011W-2/TR Datasheet
447Kb / 6P
   1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W WILLSEMI-SPD9103W Datasheet
176Kb / 5P
   1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W-2/TR WILLSEMI-SPD9103W-2/TR Datasheet
176Kb / 5P
   1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9105W WILLSEMI-SPD9105W Datasheet
175Kb / 5P
   1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
More results

Similar Description - SPD900-9P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT370 SHARP-PT370 Datasheet
191Kb / 5P
   COMPACT, STEM TYPE PHOTOTRANSISTOR
logo
STANLEY ELECTRIC CO.,LT...
PP3G07S STANLEY-PP3G07S Datasheet
178Kb / 9P
   Through-hole PIN Photodiode/3 Type
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
   PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ330CL PANASONIC-PNZ330CL Datasheet
81Kb / 3P
   PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com