Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3614 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3614
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614 Datasheet(HTML) 1 Page - Linear Technology

  LTC3614_15 Datasheet HTML 1Page - Linear Technology LTC3614_15 Datasheet HTML 2Page - Linear Technology LTC3614_15 Datasheet HTML 3Page - Linear Technology LTC3614_15 Datasheet HTML 4Page - Linear Technology LTC3614_15 Datasheet HTML 5Page - Linear Technology LTC3614_15 Datasheet HTML 6Page - Linear Technology LTC3614_15 Datasheet HTML 7Page - Linear Technology LTC3614_15 Datasheet HTML 8Page - Linear Technology LTC3614_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC3614
1
3614fc
For more information www.linear.com/LTC3614
Typical applicaTion
FeaTures
applicaTions
DescripTion
4A, 4MHz Monolithic
Synchronous Step-Down
DC/DC Converter
The LTC®3614 is a low quiescent current monolithic syn-
chronous buck regulator using a current mode, constant
frequency architecture. The no-load DC supply current
in sleep mode is only 75µA while maintaining the output
voltage (Burst Mode operation) at no load, dropping to
zero current in shutdown. The 2.25V to 5.5V input supply
voltage range makes the LTC3614 ideally suited for single
Li-Ionaswellasfixedlowvoltageinputapplications.100%
duty cycle capability provides low dropout operation,
extending the operating time in battery-powered systems.
The operating frequency is externally programmable up to
4MHz, allowing the use of small surface mount inductors.
For switching-noise-sensitive applications, the LTC3614
can be synchronized to an external clock at up to 4MHz.
ForcedcontinuousmodeoperationintheLTC3614reduces
noiseandRFinterference.Adjustablecompensationallows
the transient response to be optimized over a wide range
of loads and output capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external catch diode, saving
external components and board space. The LTC3614
is offered in a leadless 24-pin 3mm
× 5mm thermally
enhanced QFN package.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6580258, 5481178, 5994885, 6304066, 6498466, 6611131.
Efficiency and Power Loss
vs Load Current
n
4A Output Current
n
2.25V to 5.5V Input Voltage Range
n
Low Output Ripple Burst Mode® Operation: IQ = 75µA
n
±1% Output Voltage Accuracy
n
Output Voltage Down to 0.6V
n
High Efficiency: Up to 95%
n
Low Dropout Operation: 100% Duty Cycle
n
Programmable Slew Rate on SW Node Reduces
Noise and EMI
n
Adjustable Switching Frequency: Up to 4MHz
n
Optional Active Voltage Positioning (AVP) with
Internal Compensation
n
Selectable Pulse-Skipping/Forced Continuous/Burst
Mode Operation with Adjustable Burst Clamp
n
Programmable Soft-Start
n
Inputs for Start-Up Tracking or External Reference
n
DDR Memory Mode, IOUT = ±3A
n
Available in a 24-Pin 3mm
× 5mm QFN
Thermally Enhanced Package
n
Point-of-Load Supplies
n
Distributed Power Supplies
n
Portable Computer Systems
n
DDR Memory Termination
n
Handheld Devices
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
100
1000
10000
3614 TA01b
0
0
1
0.1
0.01
10
VIN = 2.8V
VIN = 3.3V
VIN = 5V
VOUT = 2.5V
RUN
TRACK/SS
RT/SYNC
PGOOD
ITH
SGND
PGND
VIN
2.7V TO 5.5V
SRLIM/DDR
SVIN
LTC3614
SW
PVIN
330nH
665k
210k
3614 TA01a
10µF
×4
MODE
VFB
47µF
×2
VOUT
2.5V
4A


Similar Part No. - LTC3614_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3614EUDD-PBF LINER-LTC3614EUDD-PBF Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614EUDD-TRPBF LINER-LTC3614EUDD-TRPBF Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614IUDD-PBF LINER-LTC3614IUDD-PBF Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614IUDD-TRPBF LINER-LTC3614IUDD-TRPBF Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3614_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com