Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3557-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3557-1
Description  USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3557-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3557-1_15 Datasheet HTML 1Page - Linear Technology LTC3557-1_15 Datasheet HTML 2Page - Linear Technology LTC3557-1_15 Datasheet HTML 3Page - Linear Technology LTC3557-1_15 Datasheet HTML 4Page - Linear Technology LTC3557-1_15 Datasheet HTML 5Page - Linear Technology LTC3557-1_15 Datasheet HTML 6Page - Linear Technology LTC3557-1_15 Datasheet HTML 7Page - Linear Technology LTC3557-1_15 Datasheet HTML 8Page - Linear Technology LTC3557-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3557/LTC3557-1
2
35571fc
POWER MANAGER ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VBUS, VOUT, VIN1, VIN2
t < 1ms and Duty Cycle < 1% ..................
−0.3V to 7V
Steady State.............................................
−0.3V to 6V
BAT, NTC, CHRG, WALL, VC,
MODE, FB1, FB2, FB3, RST2........................
−0.3V to 6V
EN1, EN2, EN3 ..............................
−0.3V to VOUT + 0.3V
ILIM0, ILIM1, PROG .......................
−0.3V to VCC + 0.3V
IVBUS, IVOUT, IBAT .........................................................2A
ISW1 .....................................................................850mA
ISW2, ISW3 ............................................................600mA
IRST2, ICHRG, IACPR .................................................75mA
ICLPROG, IPROG..........................................................2mA
Maximum Operating Junction Temperature .......... 110°C
Operating Ambient Temperature Range ...
−40°C to 85°C
Storage Temperature Range...................
−65°C to 125°C
(Notes 1-4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBUS
Input Supply Voltage
4.35
5.5
V
IBUS(LIM)
Total Input Current (Note 5)
ILIM0 = 0V, ILIM1 = 0V (1x Mode)
ILIM0 = 5V, ILIM1 = 5V (5x Mode)
ILIM0 = 5V, ILIM1 = 0V (10x Mode)
80
450
900
90
475
950
100
500
1000
mA
mA
mA
IBUSQ
Input Quiescent Current
1x, 5x, 10x Modes
ILIM0 = 0V, ILIM1 = 5V (Suspend Mode)
0.35
0.05
0.1
mA
mA
hCLPROG
Ratio of Measured VBUS Current to CLPROG
Program Current
1x, 5x, 10x Modes
1000
mA/mA
VCLPROG
CLPROG Servo Voltage in Current Limit
1x Mode
5x Mode
10x Mode
0.2
1.0
2.0
V
V
V
VUVLO
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.5
3.8
3.7
3.9
V
V
28 27 26 25 24 23
8
9
TOP VIEW
29
UF PACKAGE
28-LEAD (4mm
4mm) PLASTIC QFN
10 11 12 13 14
ILIM0
ILIM1
WALL
LDO3V3
SW1
VIN1
FB1
GATE
PROG
NTC
VNTC
SW3
VIN2
SW2
16
15
17
18
19
20
21
6
7
5
4
3
2
1
22
TJMAX = 110°C, θJA = 37°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VBUS = 5V, VBAT = 3.8V, ILIM0 = ILIM1 = 5V, WALL = EN1 = EN2 = EN3 = 0V, RPROG = 2k, RCLPROG = 2.1k.
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3557EUF#PBF
LTC3557EUF#TRPBF
3557
28-Lead (4mm
× 4mm) Plastic QFN
−40°C to 85°C
LTC3557EUF-1#PBF
LTC3557EUF-1#TRPBF
35571
28-Lead (4mm
× 4mm) Plastic QFN
−40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3557-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557EUF-1-PBF LINER-LTC3557EUF-1-PBF Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557EUF-1-TRPBF LINER-LTC3557EUF-1-TRPBF Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557EUF-PBF LINER-LTC3557EUF-PBF Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557EUF-TRPBF LINER-LTC3557EUF-TRPBF Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results

Similar Description - LTC3557-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557 LINER-LTC3557_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554 Datasheet
435Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com