Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2296 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2296
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2296 Datasheet(HTML) 1 Page - Linear Technology

  LTC2296_15 Datasheet HTML 1Page - Linear Technology LTC2296_15 Datasheet HTML 2Page - Linear Technology LTC2296_15 Datasheet HTML 3Page - Linear Technology LTC2296_15 Datasheet HTML 4Page - Linear Technology LTC2296_15 Datasheet HTML 5Page - Linear Technology LTC2296_15 Datasheet HTML 6Page - Linear Technology LTC2296_15 Datasheet HTML 7Page - Linear Technology LTC2296_15 Datasheet HTML 8Page - Linear Technology LTC2296_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2298/LTC2297/LTC2296
1
229876fa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Integrated Dual 14-Bit ADCs
Sample Rate: 65Msps/40Msps/25Msps
Single 3V Supply (2.7V to 3.4V)
Low Power: 400mW/235mW/150mW
74.3dB SNR
90dB SFDR
110dB Channel Isolation at 100MHz
Multiplexed or Separate Data Bus
Flexible Input: 1VP-P to 2VP-P Range
575MHz Full Power Bandwidth S/H
Clock Duty Cycle Stabilizer
Shutdown and Nap Modes
Pin Compatible Family
105Msps: LTC2282 (12-Bit), LTC2284 (14-Bit)
80Msps: LTC2294 (12-Bit), LTC2299 (14-Bit)
65Msps: LTC2293 (12-Bit), LTC2298 (14-Bit)
40Msps: LTC2292 (12-Bit), LTC2297 (14-Bit)
25Msps: LTC2291 (12-Bit), LTC2296 (14-Bit)
10Msps: LTC2290 (12-Bit), LTC2295 (14-Bit)
64-Pin (9mm
× 9mm) QFN Package
Dual 14-Bit, 65/40/25Msps
Low Power 3V ADCs
The LTC
®2298/LTC2297/LTC2296 are 14-bit 65Msps/
40Msps/25Msps, low power dual 3V A/D converters de-
signed for digitizing high frequency, wide dynamic range
signals. The LTC2298/LTC2297/LTC2296 are perfect for
demanding imaging and communications applications
with AC performance that includes 74.3dB SNR and 90dB
SFDR for signals at the Nyquist frequency.
DC specs include
±1.2LSB INL (typ), ±0.5LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 1LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic. An optional multiplexer allows both channels to
share a digital output bus.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
LTC2298: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
OVDD
OGND
MUX
D13A
D0A
OVDD
OGND
229876 TA01
D13B
D0B
+
OUTPUT
DRIVERS
INPUT
S/H
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
INPUT FREQUENCY (MHz)
0
200
229876 TA01b
50
100
150
75
74
73
72
71
70
Wireless and Wired Broadband Communication
Imaging Systems
Spectral Analysis
Portable Instrumentation
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2296_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2296CUP LINER-LTC2296CUP Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296IUP LINER-LTC2296IUP Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296UP LINER-LTC2296UP Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2296_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2291 LINER-LTC2291_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com