Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2286 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2286
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2286 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2286_15 Datasheet HTML 3Page - Linear Technology LTC2286_15 Datasheet HTML 4Page - Linear Technology LTC2286_15 Datasheet HTML 5Page - Linear Technology LTC2286_15 Datasheet HTML 6Page - Linear Technology LTC2286_15 Datasheet HTML 7Page - Linear Technology LTC2286_15 Datasheet HTML 8Page - Linear Technology LTC2286_15 Datasheet HTML 9Page - Linear Technology LTC2286_15 Datasheet HTML 10Page - Linear Technology LTC2286_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2288/LTC2287/LTC2286
7
228876fa
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2288: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2288: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2288: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2288: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2288: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2288: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
SAMPLE RATE (Msps)
228876 G15
155
145
135
125
115
105
95
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
228876 G16
12
10
8
6
4
2
0
0
20
40
50
10
30
60
70
80
LTC2288: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
59.5
60.5
200
228876 G10
58.5
57.5
50
100
150
62.5
61.5
INPUT FREQUENCY (MHz)
0
85
90
100
150
228876 G11
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
228876 G12
70
60
50
10 20 30 40 50 60 70
90 100 110
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
228876 G13
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0
INPUT LEVEL (dBFS)
–60
0
20
40
60
80
120
–50
–40
–30
dBFS
dBc
–20
228876 G14
–10
0
100
10
30
50
70
110
90
80dBc SFDR
REFERENCE LINE


Similar Part No. - LTC2286_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2286CUP LINER-LTC2286CUP Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286IUP LINER-LTC2286IUP Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286UP LINER-LTC2286UP Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2286_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288 Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238 Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com