Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN4008LFG Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN4008LFG
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4008LFG Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN4008LFG_15 Datasheet HTML 1Page - Diodes Incorporated DMN4008LFG_15 Datasheet HTML 2Page - Diodes Incorporated DMN4008LFG_15 Datasheet HTML 3Page - Diodes Incorporated DMN4008LFG_15 Datasheet HTML 4Page - Diodes Incorporated DMN4008LFG_15 Datasheet HTML 5Page - Diodes Incorporated DMN4008LFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN4008LFG
Document number: DS36908 Rev. 2 - 2
5 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN4008LFG
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 118°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
POWERDI
®3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.27
0.37
0.32
b2
0.20
L
0.35
0.45
0.40
L1
0.39
e
0.65
Z
0.515
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1


Similar Part No. - DMN4008LFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4008LFG-13 DIODES-DMN4008LFG-13 Datasheet
335Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN4008LFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4010LFG DIODES-DMN4010LFG_15 Datasheet
226Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPS DIODES-DMP4015SPS_15 Datasheet
379Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4013LFG DIODES-DMP4013LFG_15 Datasheet
281Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPSQ DIODES-DMP4015SPSQ_15 Datasheet
373Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4025SFG DIODES-DMP4025SFG_15 Datasheet
261Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com