Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3730UFB4-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3730UFB4-7
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3730UFB4-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3730UFB4-7 Datasheet HTML 1Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 2Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 3Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 4Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 5Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 6Page - Diodes Incorporated DMN3730UFB4-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN3730UFB4
Document number: DS35017 Rev. 8 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN3730UFB4
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
3
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
0.45
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance (Note 8)
RDS(on)
460
VGS = 4.5V, ID = 200mA
560
VGS = 2.5V, ID = 100mA
730
VGS = 1.8V, ID = 75mA
Forward Transfer Admittance
|Yfs|
40
mS
VDS = 3V, ID = 10mA
Diode Forward Voltage (Note 8)
VSD
0.7
1.2
V
VGS = 0V, IS = 300mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
64.3
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
6.1
pF
Reverse Transfer Capacitance
Crss
4.5
pF
Gate Resistance
Rg
70
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
1.6
nC
VGS = 4.5V, VDS = 15V,
ID = 1A
Gate-Source Charge
Qgs
0.2
nC
Gate-Drain Charge
Qgd
0.2
nC
Turn-On Delay Time
tD(on)
3.5
ns
VDS = 10V, ID = 1A
VGS = 10V, RG = 6Ω
Turn-On Rise Time
tr
2.8
ns
Turn-Off Delay Time
tD(off)
38
ns
Turn-Off Fall Time
tf
13
ns
Notes:
8. Measured under pulsed conditions to minimize self-heating effect. Pulse width
 300µs; duty cycle  2%
9. For design aid only, not subject to production testing.
0
1
2
3
4
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
0.5
1.0
1.5
2.0
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10V
GS
0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS


Similar Part No. - DMN3730UFB4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3730UFB4-7 DIODES-DMN3730UFB4-7 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
DMN3730UFB4-7B DIODES-DMN3730UFB4-7B Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
More results

Similar Description - DMN3730UFB4-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com