Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3053L-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3053L-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3053L-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3053L-7 Datasheet HTML 1Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 2Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 3Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 4Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 5Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3053L
Document number: DS36883 Rev. 2 - 2
4 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3053L
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125 150
I= 1mA
D
I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T= 150°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
f = 1MHz
Ciss
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
1012
141618
V
= 15V
I= A
DS
D
4
V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
0.1
1
10
100
Rds(on)
Limited
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150C
T = 25C
V
= 4.5V
Single Pulse
DUT on 1 * MRP Board
J(MAX)
A
GS


Similar Part No. - DMN3053L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3053L-7 DIODES-DMN3053L-7 Datasheet
350Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN3053L-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com