Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3042L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3042L-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3042L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3042L-7 Datasheet HTML 1Page - Diodes Incorporated DMN3042L-7 Datasheet HTML 2Page - Diodes Incorporated DMN3042L-7 Datasheet HTML 3Page - Diodes Incorporated DMN3042L-7 Datasheet HTML 4Page - Diodes Incorporated DMN3042L-7 Datasheet HTML 5Page - Diodes Incorporated DMN3042L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3042L
Document number: DS37539 Rev. 2- 2
2 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN3042L
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.8
4.0
A
Maximum Body Diode Forward Current (Note 6)
IS
1.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
0.72
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
171
°C/W
Power Dissipation (Note 6)
PD
1.4
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
93
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.6
1.4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
21
26.5
m
VGS = 10V, ID = 5.8A
23
32
VGS = 4.5V, ID = 5.0A
29
48
VGS = 2.5V, ID = 4.0A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
570
860
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
63
95
Reverse Transfer Capacitance
Crss
53
80
Gate Resistance
RG
3.2
4.5
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
Qg
13.3
20
nC
VDS = 15V, ID = 6.9A
Total Gate Charge (VGS = 4.5V)
Qg
6.1
8
Gate-Source Charge
Qgs
1.0
1.5
Gate-Drain Charge
Qgd
1.6
2.5
Turn-On Delay Time
tD(on)
1.5
2.4
nS
VGS = 10V, VDD = 15V, RG = 3 ,
ID = 6.9A
Turn-On Rise Time
tr
3.3
5
Turn-Off Delay Time
tD(off)
13.9
22
Turn-Off Fall Time
tf
4.9
7
Body Diode Reverse Recovery Time
trr
7.8
12
nS
IS = 5A, dI/dt = 100A/µs
Body Diode Reverse Recovery Charge
Qrr
1.9
3
nC
IS = 5A, dI/dt = 100A/µs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN3042L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3042L-7 DIODES-DMN3042L-7 Datasheet
332Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN3042L-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com