Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3035LWN Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3035LWN
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3035LWN Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3035LWN_15 Datasheet HTML 1Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 2Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 3Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 4Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 5Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 6Page - Diodes Incorporated DMN3035LWN_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN3035LWN
Document number: DS37528 Rev. 2 - 2
3 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3035LWN
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
VGS=2.0V
VGS=2.5V
VGS=3.0V
VGS=4.0V
VGS=4.5V
VGS=5.0V
VGS=8.0V
VGS=10V
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristic
V
DS=5V
-55℃
+25℃
+85℃
+125℃
+150℃
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs. Drain Current
and Gate Voltage
VGS=4.5V
VGS=10V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2
4
6
8
10
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristic
ID=4.3A
ID=4.8A


Similar Part No. - DMN3035LWN_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3035LWN-13 DIODES-DMN3035LWN-13 Datasheet
591Kb / 7P
   Low On-Resistance
DMN3035LWN-13 DIODES-DMN3035LWN-13 Datasheet
342Kb / 7P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3035LWN DIODES-DMN3035LWN_16 Datasheet
342Kb / 7P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3035LWN_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
   30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
   30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A06DN8 DIODES-ZXMN3A06DN8_15 Datasheet
192Kb / 7P
   DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com