Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3030LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3030LFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3030LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3030LFG_15 Datasheet HTML 1Page - Diodes Incorporated DMN3030LFG_15 Datasheet HTML 2Page - Diodes Incorporated DMN3030LFG_15 Datasheet HTML 3Page - Diodes Incorporated DMN3030LFG_15 Datasheet HTML 4Page - Diodes Incorporated DMN3030LFG_15 Datasheet HTML 5Page - Diodes Incorporated DMN3030LFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3030LFG
Document number: DS35499 Rev. 5 - 2
2 of 6
www.diodes.com
March 2013
© Diodes Incorporated
POWERDI is a registered trademark of Diodes Incorporated.
DMN3030LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.3
4.2
A
t<10s
TA = +25°C
TA = +70°C
ID
6.8
5.2
A
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.6
6.8
A
t<10s
TA = +25°C
TA = +70°C
ID
11
8.8
A
Pulsed Drain Current (10μs pulse, duty cycle = 1%)
IDM
70
A
Maximum Body Diode continuous Current
IS
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.9
W
TA = +70°C
0.5
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
148
°C/W
t<10s
89
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.3
W
TA = +70°C
1.4
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
56
°C/W
t<10s
34
Thermal Resistance, Junction to Case (Note 6)
RJC
6.9
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
100
nA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±1
µA
VGS = ±25V, VDS = 0V
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.8
1.2
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
10
18
mΩ
VGS = 10V, ID = 10A
16
27
VGS = 4.5V, ID = 7.5A
Forward Transfer Admittance
|Yfs|
6
S
VDS = 5V, ID = 10A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
751
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
121
Reverse Transfer Capacitance
Crss
110
Gate Resistance
Rg
1.5
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
9
nC
VGS = 4.5V, VDS = 15V, ID =6A
Total Gate Charge VGS = 10V
Qg
17.4
VGS = 10V, VDS = 15V,
ID = 6A
Gate-Source Charge
Qgs
2.2
Gate-Drain Charge
Qgd
3
Turn-On Delay Time
tD(on)
2.5
ns
VDD = 15V, VGS = 10V,
RG = 6Ω, RL = 1.8Ω, ID = 6.7A
Turn-On Rise Time
tr
6.6
Turn-Off Delay Time
tD(off)
19.0
Turn-Off Fall Time
tf
6.3
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN3030LFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG-13 DIODES-DMN3030LFG-13 Datasheet
272Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN3030LFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4008LFG DIODES-DMN4008LFG_15 Datasheet
341Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com