Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2237 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2237
Description  10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2237 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2237_15 Datasheet HTML 4Page - Linear Technology LTC2237_15 Datasheet HTML 5Page - Linear Technology LTC2237_15 Datasheet HTML 6Page - Linear Technology LTC2237_15 Datasheet HTML 7Page - Linear Technology LTC2237_15 Datasheet HTML 8Page - Linear Technology LTC2237_15 Datasheet HTML 9Page - Linear Technology LTC2237_15 Datasheet HTML 10Page - Linear Technology LTC2237_15 Datasheet HTML 11Page - Linear Technology LTC2237_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2238/LTC2237/LTC2236
8
223876fa
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2237: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
40Msps
LTC2237: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
40Msps
LTC2237: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
40Msps
LTC2237: 8192 Point 2-Tone FFT,
fIN = 21.6MHz and 23.6MHz,
–1dB, 2V Range, 40Msps
LTC2237: Grounded Input
Histogram, 40Msps
LTC2237: SNR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2237: SFDR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2237: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2237: SNR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
FREQUENCY (MHz)
0
–60
–30
–20
20
223876 G19
–70
–80
–120
5
10
15
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
20
223876 G20
–70
–80
–120
5
10
15
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
20
223876 G21
–70
–80
–120
5
10
15
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
20
223876 G22
–70
–80
–120
5
10
15
–100
0
–10
–40
–50
–90
–110
CODE
70000
60000
50000
40000
30000
20000
10000
0
511
65520
512
223876 G23
510
0
0
INPUT FREQUENCY (MHz)
0
59.5
60.5
200
223876 G24
58.5
57.5
50
100
150
62.5
61.5
INPUT FREQUENCY (MHz)
0
85
90
100
150
223876 G25
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
223876 G26
70
60
50
10
20
30
40
50
60
70
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
223876 G27
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0


Similar Part No. - LTC2237_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2237CUH LINER-LTC2237CUH Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237IUH LINER-LTC2237IUH Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2237_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238 Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288 Datasheet
875Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com