Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 2 Page - Linear Technology

  LTC2207-14_15 Datasheet HTML 1Page - Linear Technology LTC2207-14_15 Datasheet HTML 2Page - Linear Technology LTC2207-14_15 Datasheet HTML 3Page - Linear Technology LTC2207-14_15 Datasheet HTML 4Page - Linear Technology LTC2207-14_15 Datasheet HTML 5Page - Linear Technology LTC2207-14_15 Datasheet HTML 6Page - Linear Technology LTC2207-14_15 Datasheet HTML 7Page - Linear Technology LTC2207-14_15 Datasheet HTML 8Page - Linear Technology LTC2207-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2207-14/LTC2206-14
2
220714614fc
Supply Voltage (VDD)......................................................
–0.3V to 4V
Digital Output Ground Voltage (OGND)...........................
–0.3V to 1V
Analog Input Voltage (Note 3) ........................................
–0.3V to (VDD + 0.3V)
Digital Input Voltage .......................................................
–0.3V to (VDD + 0.3V)
Digital Output Voltage.....................................................
–0.3V to (OVDD + 0.3V)
Power Dissipation...........................................................
2000mW
OVDD = VDD (Notes 1, 2)
TOP VIEW
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
SENSE 1
VCM 2
VDD 3
VDD 4
GND 5
AIN+ 6
AIN7
GND 8
ENC+ 9
ENC10
GND 11
VDD 12
36 OVDD
35 D11
34 D10
33 D9
32 D8
31 OGND
30 CLKOUT+
29 CLKOUT
28 D7
27 D6
26 D5
25 OVDD
49
EXPOSED PAD IS GND (PIN 49)MUST BE SOLDERED TO PCB BOARD
TJMAX = 125°C, θJA = 29°C/W
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2207CUK-14#PBF
LTC2207CUK-14#TRPBF LTC2207UK-14
48-Lead (7mm
× 7mm) Plastic Plastic QFN
0°C to 70°C
LTC2206CUK-14#PBF
LTC2206CUK-14#TRPBF LTC2206UK-14
48-Lead (7mm
× 7mm) Plastic Plastic QFN
0°C to 70°C
LTC2207IUK-14#PBF
LTC2207IUK-14#TRPBF
LTC2207UK-14
48-Lead (7mm
× 7mm) Plastic Plastic QFN
–40°C to 85°C
LTC2206IUK-14#PBF
LTC2206IUK-14#TRPBF
LTC2206UK-14
48-Lead (7mm
× 7mm) Plastic Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Linearity Error
Differential Analog Input (Note 5)
l
±0.4
±1.5
LSB
Differential Linearity Error
Differential Analog Input
l
±0.1
±1
LSB
Offset Error
(Note 6)
l
±1
±10.3
mV
Offset Drift
±10
μV/°C
Gain Error
External Reference
l
±0.2
±2.3
%FS
Full-Scale Drift
Internal Reference
External Reference
±30
±15
ppm/°C
ppm/°C
Transition Noise
0.8
LSBRMS


Similar Part No. - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com