Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2207-14_15 Datasheet HTML 6Page - Linear Technology LTC2207-14_15 Datasheet HTML 7Page - Linear Technology LTC2207-14_15 Datasheet HTML 8Page - Linear Technology LTC2207-14_15 Datasheet HTML 9Page - Linear Technology LTC2207-14_15 Datasheet HTML 10Page - Linear Technology LTC2207-14_15 Datasheet HTML 11Page - Linear Technology LTC2207-14_15 Datasheet HTML 12Page - Linear Technology LTC2207-14_15 Datasheet HTML 13Page - Linear Technology LTC2207-14_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2207-14/LTC2206-14
10
220714614fc
SUPPLY VOLTAGE (V)
2.8
90
95
100
3.6
2207614 G25
85
80
70
3.0
3.2
3.4
75
110
105
SFDR
SNR
DUTY CYCLE (%)
30
80
90
70
2207614 G27
70
60
40
50
60
110
100
SFDR DCS OFF
SFDR DCS ON
SNR DCS ON
SNR DCS OFF
SAMPLE RATE (Msps)
10
280
300
340
70
110
2207614 G26
260
240
30
50
90
130
150
220
200
320
VDD = 3.47V
VDD = 3.13V
VDD = 3.3V
LTC2207-14: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5.1MHz, –1dBFS
LTC2207-14: IVDD vs Sample
Rate, fIN = 5.1MHz, –1dBFS
LTC2207-14: SNR and SFDR vs
Duty Cycle, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT COMMON MODE (V)
0.5
80
90
2.5
2207614 G28
70
60
1.0
1.5
2.0
110
100
SFDR
SFR
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192 10240
2207614 G29
–0.6
0.6
0.8
0.2
2048
6144
1228814336 16384
OUTPUT CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
4096
8192 10240
2207614 G30
–0.3
0.3
0.4
0.1
2048
6144
1228814336 16384
OUTPUT CODE
8181
150000
200000
250000
8189
2207614 G31
100000
50000
0
8183
8185
8187
8191
FREQUENCY (MHz)
0
–70
–30
0
2207614 G32
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
FREQUENCY (MHz)
0
–70
–30
0
2207614 G33
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
LTC2207-14: SNR and SFDR vs
Analog Input Common Mode
Voltage, fIN = 5.1MHz, –1dBFS
LTC2206-14: Integral Nonlinearity
(INL) vs Output Code
LTC2206-14: Differential
Nonlinearity (DNL) vs
Output Code
LTC2206-14: AC Grounded Input
Histogram
LTC2206-14: 32K Point FFT,
fIN = 5.23MHz, –1dBFS, PGA = 0,
RAND = “On”, Dither “Off”
LTC2206-14: 32K Point FFT, fIN
= 14.86MHz, –1dBFS, PGA = 0,
RAND = “On”, Dither “Off”


Similar Part No. - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com