Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2206
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2206_15 Datasheet HTML 5Page - Linear Technology LTC2206_15 Datasheet HTML 6Page - Linear Technology LTC2206_15 Datasheet HTML 7Page - Linear Technology LTC2206_15 Datasheet HTML 8Page - Linear Technology LTC2206_15 Datasheet HTML 9Page - Linear Technology LTC2206_15 Datasheet HTML 10Page - Linear Technology LTC2206_15 Datasheet HTML 11Page - Linear Technology LTC2206_15 Datasheet HTML 12Page - Linear Technology LTC2206_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2207/LTC2206
9
22076fc
INPUT LEVEL (dBFS)
–70
0
20
40
60
70
50
30
10
140
130
110
100
–60
–40
–30
0
120
80
90
–50
–20
–10
22076 G16
INPUT LEVEL (dBFS)
–70
0
20
40
60
70
50
30
10
140
130
110
100
–60
–40
–30
0
120
80
90
–50
–20
–10
22076 G17
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G18
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G19
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
INPUT FREQUENCY (MHz)
0
80
85
90
300
500
22076 G20
75
70
65
100
200
400
95
100
105
PGA = 1
PGA = 0
INPUT FREQUENCY (MHz)
0
73
74
75
300
500
22076 G21
72
71
70
100
200
400
76
77
78
PGA = 0
PGA = 1
SAMPLE RATE (Msps)
0
90
95
105
75
125
22076 G22
85
80
25
50
100
150
175
75
70
100
LIMIT
SFDR
SNR
SUPPLY VOLTAGE (V)
2.8
90
95
100
3.4
22076 G23
85
80
70
3
3.2
75
110
105
SFDR
SNR
UPPER LIMIT
LOWER LIMIT
LTC2207: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “Off”, 105Msps
LTC2207: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “On”, 105Msps
LTC2207: 64K Point FFT,
fIN = 170.2MHz, –1dBFS,
PGA = 0, 105Msps
LTC2207: 64K Point FFT,
fIN = 250.2MHz, –1dBFS,
PGA = 0, 105Msps
LTC2207: SFDR (HD2 and HD3) vs
Input Frequency, 105Msps
LTC2207: SNR vs Input Frequency,
105Msps
LTC2207: 5MHz SNR and SFDR vs
Sample Rate, 105Msps
LTC2207: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5MHz, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com