Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN65D8LW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN65D8LW
Description  DMN65D8LW_15
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8LW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN65D8LW_15 Datasheet HTML 1Page - Diodes Incorporated DMN65D8LW_15 Datasheet HTML 2Page - Diodes Incorporated DMN65D8LW_15 Datasheet HTML 3Page - Diodes Incorporated DMN65D8LW_15 Datasheet HTML 4Page - Diodes Incorporated DMN65D8LW_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMN65D8LW
Document number: DS35639 Rev. 4 - 2
4 of 5
www.diodes.com
July 2012
© Diodes Incorporated
DMN65D8LW
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 7 Diode Forward Voltage vs. Current
T= 25°C
A
T = -55°C
A
T= 85°C
A
T = 125°C
A
T = 150°C
A
1
10
100
1,000
01020
30
40
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 8 Typical Drain-Source Leakage Current vs. Voltage
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
Ciss
C
oss
Crss
f = 1MHz
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1.0
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
V
= 30V
I=
A
DS
D
150m
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
α
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
G


Similar Part No. - DMN65D8LW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN65D8LW-7 DIODES-DMN65D8LW-7 Datasheet
154Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com