Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF50251EL Datasheet(PDF) 8 Page - Marl International Limited

Part # TLF50251EL
Description  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

TLF50251EL Datasheet(HTML) 8 Page - Marl International Limited

Back Button TLF50251EL_15 Datasheet HTML 4Page - Marl International Limited TLF50251EL_15 Datasheet HTML 5Page - Marl International Limited TLF50251EL_15 Datasheet HTML 6Page - Marl International Limited TLF50251EL_15 Datasheet HTML 7Page - Marl International Limited TLF50251EL_15 Datasheet HTML 8Page - Marl International Limited TLF50251EL_15 Datasheet HTML 9Page - Marl International Limited TLF50251EL_15 Datasheet HTML 10Page - Marl International Limited TLF50251EL_15 Datasheet HTML 11Page - Marl International Limited TLF50251EL_15 Datasheet HTML 12Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
8
Rev. 1.0, 2013-06-19
TLF50251EL
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage
V
S
4.75
45
V
4.2.2
Buck inductor
L
BU
3.3
22
µH
4.2.3
Buck capacitor
C
BU1
10
50
µF
4.2.4
Buck capacitor ESR
ESR
BU1
0.015
0.100
Ω
1)
1) See section ““Application Information” on Page 26” for loop compensation requirements and refer to Application Note
for dimensioning the output filter.
4.2.5
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to case1)
1) Not subject to production test, specified by design.
R
thJC
–10
K/W
4.3.2
Junction to ambient1) 2)
2) Specified
R
thJA value is according to JEDEC 2s2p (JESD 51-7) + (JESD 51-5) and JEDEC 1s0p (JESD 51-3) + heatsink
area at natural convection on FR4 board.
R
thJA
–47
K/W
2s2p
4.3.3
R
thJA
54
K/W
1s0p + 600 mm2
4.3.4
R
thJA
64
K/W
1s0p + 300 mm2


Similar Part No. - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

Similar Description - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50281EL INFINEON-TLF50281EL Datasheet
1Mb / 36P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.01, 2013-04-30
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com