Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF50251EL Datasheet(PDF) 18 Page - Marl International Limited

Part # TLF50251EL
Description  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

TLF50251EL Datasheet(HTML) 18 Page - Marl International Limited

Back Button TLF50251EL_15 Datasheet HTML 14Page - Marl International Limited TLF50251EL_15 Datasheet HTML 15Page - Marl International Limited TLF50251EL_15 Datasheet HTML 16Page - Marl International Limited TLF50251EL_15 Datasheet HTML 17Page - Marl International Limited TLF50251EL_15 Datasheet HTML 18Page - Marl International Limited TLF50251EL_15 Datasheet HTML 19Page - Marl International Limited TLF50251EL_15 Datasheet HTML 20Page - Marl International Limited TLF50251EL_15 Datasheet HTML 21Page - Marl International Limited TLF50251EL_15 Datasheet HTML 22Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Data Sheet
18
Rev. 1.0, 2013-06-19
TLF50251EL
Buck Regulator
Efficiency for
V
S = 13 V, fOSC = 1.65 MHz, LOUT = 4.7 µH
Efficiency for
V
S = 13 V, fOSC = 1.65 MHz, LOUT = 10 µH
Efficiency for
V
S = 13 V, fOSC = 2.2 MHz, LOUT = 4.7 µH
Efficiency for
V
S = 13 V, fOSC = 2.2 MHz, LOUT = 10 µH
10,00%
20,00%
30,00%
40,00%
50,00%
60,00%
70,00%
80,00%
90,00%
0
100
200
300
400
500
600
ICC (mA)
0,00%
10,00%
20,00%
30,00%
40,00%
50,00%
60,00%
70,00%
80,00%
90,00%
0
100
200
300
400
500
600
ICC (mA)
10,00%
20,00%
30,00%
40,00%
50,00%
60,00%
70,00%
80,00%
90,00%
0
100
200
300
400
500
600
ICC (mA)
0,00%
10,00%
20,00%
30,00%
40,00%
50,00%
60,00%
70,00%
80,00%
90,00%
0
100
200
300
400
500
600
ICC (mA)


Similar Part No. - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

Similar Description - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50281EL INFINEON-TLF50281EL Datasheet
1Mb / 36P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.01, 2013-04-30
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com