Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1019UFDE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1019UFDE
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1019UFDE Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1019UFDE_15 Datasheet HTML 1Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 2Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 3Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 4Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 5Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 6Page - Diodes Incorporated DMN1019UFDE_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN1019UFDE
Datasheet number: DS35561 Rev. 5 - 2
3 of 7
www.diodes.com
October 2013
© Diodes Incorporated
DMN1019UFDE
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
12
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1
µA
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
±2
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.35
0.8
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
7
10
mΩ
VGS = 4.5V, ID = 9.7A
8
12
VGS = 2.5V, ID = 9A
10
14
VGS = 1.8V, ID = 8.1A
14
18
VGS = 1.5V, ID = 4.5A
28
41
VGS = 1.2V, ID = 2.4A
Forward Transfer Admittance
|Yfs|
28
S
VDS = 4V, ID = 9.7A
Diode Forward Voltage
VSD
0.8
1.2
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
2425
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
396
Reverse Transfer Capacitance
Crss
375
Gate Resistance
Rg
1.1
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 8V)
Qg
50.6
nC
VDS = 4V, ID = 10A
Total Gate Charge (VGS = 4.5V)
Qg
27.3
Gate-Source Charge
Qgs
3.4
Gate-Drain Charge
Qgd
5.2
Turn-On Delay Time
tD(on)
7.6
ns
VDD = 4V, VGS = 10V, ID = 10A
RG = 1Ω, RL = 0.4Ω
Turn-On Rise Time
tr
22.2
Turn-Off Delay Time
tD(off)
57.6
Turn-Off Fall Time
tf
16.8
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
= r * R
JA(t)
(t)
JA
JA
R
= 178 C/W
Duty Cycle, D = t1/t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse


Similar Part No. - DMN1019UFDE_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1019UFDE-7 DIODES-DMN1019UFDE-7 Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1019UFDE_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
   12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1004UFV DIODES-DMN1004UFV Datasheet
375Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com