Electronic Components Datasheet Search |
|
MBR6050PT Datasheet(PDF) 1 Page - Marl International Limited |
|
MBR6050PT Datasheet(HTML) 1 Page - Marl International Limited |
1 / 3 page Page 1 REV: A MBR6050PT-G Thru. MBR60100PT-G Dimensions in inches and (millimeter) QW-BB054 Reverse Voltage: 50 to 100V Forward Current: 60.0A RoHS Device TO-3P Comchip Technology CO., LTD. Features -Metal of silicon rectifier, majority carrier conduction. Mechanical Data -Guardring for overvoltage protection. Notes: 1. Pulse Test: 300us pulse width,1% duty cycle. 2. Thermal resistance from junction to case per leg. -Low power loss, high efficiency. -Epoxy: UL 94-V0 rate flame retardant. -Mounting position: Any -Case: JEDEC TO-3P/TO-247AD, molded plastic body -Weight: 5.6 grams Schottky Barrier Rectifier - low forward voltage drop. High current capability, -High surge capacity. -For use in low voltage, high frequency inverters, free wheeling,and polarity protection applications. -Polarity: As marked on the body. 0.127(3.22) 0.117(2.97) 0.086(2.18) 0.076(1.93) 0.048(1.22) 0.044(1.12) 0.224(5.70) 0.205(5.20) 0.795(20.20) 0.776(19.70) 0.161(4.10) 0.138(3.50) 0.858(21.80) 0.819(20.80) 0.244(6.20) 0.224(5.70) 0.085(2.16) 0.646(16.40) 0.626(15.90) 0.075(1.90) 0.134(3.40) 0.114(2.90) 0.203(5.16) 0.193(4.90) 0.091(2.30) 0.078(1.97) 0.095(2.40) 0.083(2.10) 0.030(0.76) 0.020(0.51) Parameter Symbol Unit Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Peak Forward Surage Current , 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Operating Temperature Range Storage Temperature Range Maximum Ratings And Electrical Characteristics Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% VRRM VRMS VDC I(AV) IFSM VF IR TJ TSTG 60 500 1.0 -65 to +150 -65 to +175 V V V A A V mA °C Maximum Instantaneous 100 TJ °C Typical Thermal Resistance (Note 2) °C/W 1.2 RθJC 0.72 0.62 50 35 50 60 42 60 80 56 80 @TJ=25°C @TJ=100°C Maximum Average Forward Rectified Current @Tc=125°C MBR6050 PT-G MBR6060 PT-G MBR60100 PT-G Forward Voltage at (Note 1) IF=30A, TC=25°C IF=30A, TC=125°C VF V Maximum DC Reverse At Rate DC Current Blocking Voltage IR mA Company reserves the right to improve product design , functions and reliability without notice. |
Similar Part No. - MBR6050PT_15 |
|
Similar Description - MBR6050PT_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |