Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP1017 Datasheet(PDF) 1 Page - Marl International Limited

Part # LP1017
Description  Switch-Mode LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LP1017 Datasheet(HTML) 1 Page - Marl International Limited

  LP1017_15 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz107f
7.87 [200.0]
0.98 [25.0]
8.27 [210.0]
8.43 [214.0]
0.49 [12.5]
0.87 [22.0]
0.16 [4.0]
0.25 [6.2]
R0.08 [R2.0]
LED Driver
Product
Specifications
ANZ#: Z107f, May 18, 2009
LP1017-xx Series
Switch-Mode LED Driver
Total Power
17 Watts
Input Voltages
90 ~ 264 VAC or 100-277VAC
Number of Outputs
One
SPECIAL FEATURES
ELECTRICAL SPECIFICATIONS
• UL48, Class 2 compliant
• Single output, constant current or constant
voltage design
• IP66 compliant
• Suitable for dry or damp locations
• Designed for outdoor or indoor applications
• Convection cooled in plastic enclosure
• Compact, lightweight
• Active PFC reduces power consumption
Input range
Frequency
Power Factor
Crest Factor
Inrush current
Input current
Efficiency
EMI filtering
Maximum power
Current Accuracy
Load regulation
Leakage Current
Hold up time
Protection
90 ~ 264 VAC, Full range or 100~277VAC
47 to 63 Hz
> 0.92 at full load, 115VAC
1.5 max.
10.0 Amps maximum at 230VAC, cold start, 25º C
0.3 Amps maximum at 115VAC
82% typical at maximum load
47CFR, Part 2, Part 15 and Cispr PUB, 22 Class B
17W
±1% (when applicable)
±3%
300uA typ.
Half cycle minimum at 120 VAC and 80% of rated
load
Over-voltage, Over current and Short circuit
protection: Auto-recovery
ENVIRONMENTAL
Operating temperature:
-30 to 60 º C
(De-rating : 1% per º C from 60~70ºC )
Storage temperature:
-40 to +85º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217F)
EMC :
Compliant to 47CFR, Part 2, Part15 and
Cispr PUB, 22 Class B
SAFETY
UL
UL48, Class 2 compliant
cUL
CUL48, Class 2 compliant
CE
Model Number
Constant Voltage Mode
Model Number
Constant Current Mode
Output
Output
V (DC)
A (mA)
Watts
V (DC)
A (mA)
Watts
LP1017-36
36, ±5%
470
17
LP1017-36-C0470
18~ 36
470, ±5%
17
LP1017-24
24, ±5%
700
17
LP1017-24-C0700
12~ 24
700, ±5%
17
LP1017-12
12, ±5%
1400
17
LP1017-12-C1400
6 ~ 12
1400, ±5%
17
Note: The output current of Constant Current models are adjustable at factory from 50% ~ 100%.
The minimum load required is 40% for the Constant Voltage versions.
MECHANICAL DRAWING


Similar Part No. - LP1017_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1017-12 ETC1-LP1017-12 Datasheet
41Kb / 1P
   LP1017
LP1017-12-C1400 ETC1-LP1017-12-C1400 Datasheet
41Kb / 1P
   LP1017
More results

Similar Description - LP1017_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
   Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
LP1025 MARL-LP1025 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com