Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2023UCB4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2023UCB4
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2023UCB4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2023UCB4_15 Datasheet HTML 1Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 2Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 3Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 4Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 5Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 6Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 7Page - Diodes Incorporated DMN2023UCB4_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMN2023UCB4
Document number: DS35829 Rev. 10 - 2
4 of 8
www.diodes.com
March 2015
© Diodes Incorporated
DMN2023UCB4
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
T = 125°C
A
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
0.1
1
10
100
1000
10000
0
3
6
9
12
15
18
21
24
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
, GATE-SOURCE VOLTAGE (V)
Figure 10 Typical Gate-Source Leakage Current
vs. Gate-Source Voltage
GS
0.1
1
10
100
1000
10000
1
2
3
4
5
6
7
8
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT
D
Figure 11 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.015
0.018
0.021
0.024
0.027
0.03
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 6.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 12 Typical Transfer Characteristic
0.015
0.017
0.019
0.021
0.023
0.025
0.027
0.029
0.031
0.033
0.035
1
2
3
4
5
6
7
8
I = 3.0A
D


Similar Part No. - DMN2023UCB4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results

Similar Description - DMN2023UCB4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
BSS127 DIODES-BSS127_15 Datasheet
314Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN60H080DS DIODES-DMN60H080DS Datasheet
544Kb / 7P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com