Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2022UFDF-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2022UFDF-13
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2022UFDF-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2022UFDF-13 Datasheet HTML 1Page - Diodes Incorporated DMN2022UFDF-13 Datasheet HTML 2Page - Diodes Incorporated DMN2022UFDF-13 Datasheet HTML 3Page - Diodes Incorporated DMN2022UFDF-13 Datasheet HTML 4Page - Diodes Incorporated DMN2022UFDF-13 Datasheet HTML 5Page - Diodes Incorporated DMN2022UFDF-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN2022UFDF
Datasheet number: DS36744 Rev. 1 - 2
5 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN2022UFDF
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
P i n 1
Y 4
Y 2
Y
X
C
X 3
Y 1
X 1
X 2
Y 3
U-DFN2020-6
Dim
Min
Max
Typ
A
0.57
 0.63
0.60
A1
0
0.05
0.03
A3
-
-
0.15
b
0.25 0.35
0.30
D
1.95 2.05
2.00
D2
0.85 1.05
0.95
D3
0.33 0.43
0.38
e
0.65 BSC
e2
0.863 BSC
E
1.95 2.05
2.00
E2
1.05 1.25
1.15
E3
0.65 0.75
0.70
L
0.225 0.325 0.275
Z
0.20 BSC
Z1
0.110 BSC
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.480
X2
0.950
X3
1.700
Y
0.425
Y1
0.800
Y2
1.150
Y3
1.450
Y4
2.300
D
D 2
E
e
b
L
E 2
A
A 3
S e a t i n g P l a n e
A 1
Z
4 X
e 2
E 3
D 3
Z 1


Similar Part No. - DMN2022UFDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2022UFDF-13 DIODES-DMN2022UFDF-13 Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
More results

Similar Description - DMN2022UFDF-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com