Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2014LHAB-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2014LHAB-13
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2014LHAB-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2014LHAB-13 Datasheet HTML 1Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 2Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 3Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 4Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 5Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN2014LHAB
Document number: DS36441 Rev. 2 - 2
3 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMN2014LHAB
10
15
20
25
30
0
0.5
1.0
1.5
2.0
0
5
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 1.2V
GS
V= 1.5V
GS
V= 1.8V
GS
V= 2.5V
GS
V
= 3.0V
V
= 3.5V
V
= 4.0V
V
= 4.5V
V
= 10V
GS
GS
GS
GS
GS
10
12
14
16
18
20
0
0.5
1.0
1.5
2.0
0
2
4
6
8
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.004
0.006
0.008
0.012
0.014
0.016
0.018
0
5
10
15
20
25
30
0.010
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 2.5V
GS
V
= 4.5V
GS
0.005
0.015
0
5
10
15
20
0
0.010
0.020
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.6
0.8
1.0
1.2
1.4
1.8
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
V= .5V
I= 1A
GS
D
2
V=
V
I= 3A
GS
D
3.6
V=
V
I= 5A
GS
D
4.5
0.004
0.006
0.008
0.012
0.014
0.016
0.018
0.010
0.020
-50 -25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
V=
V
I= 1A
GS
D
2.5
V=
V
I= 3A
GS
D
3.6
V
= 4.5V
I= 5A
GS
D


Similar Part No. - DMN2014LHAB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2014LHAB-13 DIODES-DMN2014LHAB-13 Datasheet
449Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN2014LHAB-13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com