Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CUR801 Datasheet(PDF) 1 Page - Marl International Limited

Part No. CUR801
Description  High Efficiency Glass Passivated Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARL [Marl International Limited]
Homepage  http://www.leds.co.uk
Logo 

CUR801 Datasheet(HTML) 1 Page - Marl International Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QW-BU013
Page 1
REV:A
Voltage: 50 to 1000 V
Reverse
Current: 8.0 A
Forward
RoHS Device
CUR801-G Thru. CUR808-G
Comchip Technology CO., LTD.
Features
Mechanical Data
-Low switching noise.
-Low forward voltage drop.
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any
-Case: TO-220AC, molded plastic.
-Weight: 2.24 grams
-Low thermal resistance.
-High current capability.
-Lead: MIL-STD-202E method 208C guaranteed.
Comchip
S M D D i o d e S p e c i a l i s t
High Efficiency Glass Passivated Rectifiers
Dimensions in inches and (millimeter)
TO-220AC
(3.50)
0.138
0.055(1.40)
0.047(1.20)
0.173(4.40)
0.189(4.80)
0.531(13.50)
0.583(14.80)
0.610(15.50)
0.583(14.80)
0.177
(4.5)
0.230(5.80)
0.270(6.90)
0.135(3.44)
0.103(2.62)
0.153(3.90)
0.146(3.70)
0.374( 9.50)
0.413(10.50)
0.024(0.60)
0.012(0.30)
0.057(1.45)
0.043(1.10)
0.032(0.80)
0.102(2.60)
0.091(2.30)
0.04 MAX
(1.0)
0.045(1.14)
-High fast switching capability.
-High surge capacity.
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Parameter
Symbol
Unit
Maximum re
peak reverse voltage
current
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
Rectified current
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
Peak instantaneous voltage at 8.0A DC
Maximum
reverse current
DC
at rated DC blocking voltage
Maximum Reverse Recovery Time (Note 1)
Operating and storage temperature range
@TJ=25°C
Typical junction capacitance (Note 2)
Typical thermal resistance
50
35
50
VRRM
VRMS
VDC
IO
IFSM
VF
IR
CJ
RθJA
Trr
TJ, TSTG
8.0
150
1.0
10
150
40
2.5
60
-55 ~ +150
V
V
V
A
A
V
pF
nS
°C
μA
°C/W
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
NOTES:
1.
.
Measured with IF=0.5A, IR=1A, IRR=0.25A
2.
.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC
@TJ=100°C
Company reserves the right to improve product design , functions and reliability without notice.
300
210
300
CUR
801-G
CUR
802-G
CUR
803-G
CUR
804-G
CUR
805-G
CUR
806-G
CUR
807-G
CUR
808-G
1.3
1.7
@TA=75°C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn