Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1150UFB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1150UFB
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1150UFB Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1150UFB_15 Datasheet HTML 1Page - Diodes Incorporated DMN1150UFB_15 Datasheet HTML 2Page - Diodes Incorporated DMN1150UFB_15 Datasheet HTML 3Page - Diodes Incorporated DMN1150UFB_15 Datasheet HTML 4Page - Diodes Incorporated DMN1150UFB_15 Datasheet HTML 5Page - Diodes Incorporated DMN1150UFB_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN1150UFB
Document number: DS36101 Rev. 3 - 2
3 of 6
www.diodes.com
February 2013
© Diodes Incorporated
DMN1150UFB
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 1.5V
GS
V= 1.0V
GS
V= 1.8V
GS
V= 2.0V
GS
V= 2.5V
GS
V= 3.0V
GS
V= 3.5V
GS
V= 4.0V
GS
V= 4.5V
GS
V= 6.0V
GS
0.5
1.5
2.5
0
0.5
1.0
1.5
2.0
0
1.0
2.0
3.0
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.05
0.15
0.25
01
2
3
4
5
0
0.10
0.20
0.30
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 2.5V
GS
V
= 4.5V
GS
V= 1.8V
GS
0.05
0.15
0.25
0
1
2345
6
0
0.10
0.20
0.30
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I = 1.0A
D
0.05
0.15
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.10
0.20
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
V=
V
I= 1.0A
GS
D
6.0
V=
V
I = 500mA
GS
D
4.5


Similar Part No. - DMN1150UFB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1150UFB-7B DIODES-DMN1150UFB-7B Datasheet
264Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN1150UFB_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com