Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215-501-21-38 Datasheet(PDF) 3 Page - Marl International Limited

Part # 215-501-21-38
Description  Ideal for industrial pushbutton switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

215-501-21-38 Datasheet(HTML) 3 Page - Marl International Limited

  215-501-21-38_15 Datasheet HTML 1Page - Marl International Limited 215-501-21-38_15 Datasheet HTML 2Page - Marl International Limited 215-501-21-38_15 Datasheet HTML 3Page - Marl International Limited 215-501-21-38_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
215 series
Part numbers also available in the 215 series:
Part
Number
Colour
Voltage
Vopr
215-000-04-50
Red+Blue
20 mA dc
215-501-00-50
Red
32 Vac
215-501-00-51
Red
150 Vdc
215-501-04-38
Red
20 mA dc
215-501-20
Red
5/6 Vdc
215-501-21
Red
12 Vdc
215-501-22-38
Red
24 Vdc
215-501-24-38
Red
48 Vdc
215-501-25-38
Red
110 Vdc
215-501-42-38
Red
15 Vdc
215-501-50-38
Red
125 Vdc
215-501-72-38
Red
24 Vac 50 Hz
215-501-75-38
Red
110 Vac 50 Hz
215-501-76-38
Red
230 Vac 50 Hz
215-501-77-38
Red
125 Vac 50 Hz
215-501-80-38
Red
60 Vac 50 Hz
215-501-84-38
Red
130 Vac
215-521-00-53
Yellow
160 Vdc
215-521-22-38
Yellow
24 Vdc
215-521-22-50
Yellow
24 Vdc
215-521-22-51
Yellow
24 Vdc
215-521-25-38
Yellow
110 Vdc
215-521-31-38
Yellow
12 Vdc RP
215-521-33-38
Yellow
28 Vdc RP
215-521-75
Yellow
110 Vac 50 Hz
215-521-75-38
Yellow
110 Vac 50 Hz
215-521-76-38
Yellow
230 Vac 50 Hz
215-521-84-38
Yellow
130 Vac
215-527-00-50
Red
1.77 Vdc
215-532-00-51
Green
150 Vdc
215-532-04-38
Green
20 mA dc
215-532-22
Green
24 Vdc
215-532-22-38
Green
24 Vdc
215-532-24-38
Green
48 Vdc
215-532-25-38
Green
110 Vdc
215-532-50-38
Green
125 Vdc
215-532-75-38
Green
110 Vac 50 Hz
215-532-76-38
Green
230 Vac 50 Hz
215-532-77-38
Green
125 Vac 50 Hz
215-532-84-38
Green
130 Vac
215-906-22-38
Yellow
24 Vdc
215-930-20-38
Blue
5/6 Vdc
215-930-21
Blue
12 Vdc
215-930-22-38
Blue
24 Vdc
215-930-25-38
Blue
110 Vdc
215-930-32-38
Blue
24 Vdc RP
215-930-37-38
Blue
60 Vdc RP
215-930-41-38
Blue
8 Vdc
215-930-45-38
Blue
30 Vdc
215-930-48-38
Blue
60 Vdc
215-930-75-38
Blue
110 Vac 50 Hz
215-993-04-38
Warm White
20 mA dc
Part
Number
Colour
Voltage
Vopr
215-993-22-38
Warm White
24 Vdc
215-993-25-38
Warm White
110 Vdc
215-993-32-38
Warm White
24 Vdc RP
215-993-45-38
Warm White
30 Vdc
215-993-55-38
Warm White
130 Vdc
215-993-75-38
Warm White
110 Vac 50 Hz
215-993-76-38
Warm White
230 Vac 50 Hz
215-993-84-38
Warm White
130 Vac
215-995-22-38
White
24 Vdc
215-997-00-53
White
150 Vdc
215-997-04-38
White
20 mA dc
215-997-22
White
24 Vdc
215-997-22-38
White
24 Vdc
215-997-24-38
White
48 Vdc
215-997-25-38
White
110 Vdc
215-997-27-38
White
220 Vdc
215-997-32-38
White
24 Vdc RP
215-997-33-38
White
28 Vdc RP
215-997-35-38
White
110 Vdc RP
215-997-48-38
White
60 Vdc
215-997-50-38
White
125 Vdc
215-997-55-38
White
130 Vdc
215-997-70-38
White
5/6 Vac 50 Hz
215-997-75
White
110 Vac 50 Hz
215-997-75-38
White
110 Vac 50 Hz
215-997-76
White
230 Vac 50 Hz
215-997-76-38
White
230 Vac 50 Hz
215-997-77-38
White
125 Vac 50 Hz
215-997-84-38
White
130 Vac
215-998-25-38
White
110 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 215 - version 2013-11-05-173250
page 3 of 4


Similar Part No. - 215-501-21-38_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
More results

Similar Description - 215-501-21-38_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com