Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3393 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3393
Description  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3393 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3393 Datasheet HTML 1Page - Central Semiconductor Corp 2N3393 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3391A
2N3392
2N3393
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3391A series
are silicon NPN transistors designed for general
purpose amplifier applications.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
200
°C\W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=18V
100
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10μA
25
V
BVCEO
IC=10mA
25
V
BVEBO
IE=10μA
5.0
V
Cob
VCB=10V, f=1.0MHz
2.0
10
pF
NF
VCE=4.5V, IC=100μA, RG=500Ω,
BW=15.7kHz (2N3391A only)
5.0
dB
2N3391A
2N3392
2N3393
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=4.5V, IC=2.0mA
250
500
150
300
90
180
hfe
VCE=4.5V, IC=2.0mA, f=1.0kHz
250
800
150
500
90
400
R0 (29-January 2014)
www.centr a lsemi.com


Similar Part No. - 2N3393

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N3393 FAIRCHILD-2N3393 Datasheet
25Kb / 2P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N3393 CENTRAL-2N3393 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N3393 FAIRCHILD-2N3393 Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3393 NJSEMI-2N3393 Datasheet
70Kb / 2P
   NPN General Purpose Amplifier
More results

Similar Description - 2N3393

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com