Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3251 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N3251
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3251 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N3251 Datasheet HTML 1Page - Central Semiconductor Corp 2N3251 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3250
2N3250A
2N3251
2N3251A
SILICON
PNP TRANSISTORS
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING:
FULL PART NUMBER
TO-18 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N3250
2N3251
2N3250A
2N3251A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=10mA, f=100MHz
250
-
300
-
MHz
Cob
VCB=10V, IE=0, f=100kHz
-
6.0
-
6.0
pF
Cib
VEB=1.0V, IC=0, f=100kHz
-
8.0
-
8.0
pF
NF
VCE=5.0V, IC=100μA,
Rs=1.0kΩ, f=100Hz
-
6.0
-
6.0
dB
ton
VCC=3.0V, VBE=0.5V,
IC=10mA, IB1=1.0mA
-
70
-
70
ns
toff
VCC=3.0V, IC=10mA,
IB1=IB2=1.0mA
-
225
-
250
ns
www.centr a lsemi.com
R1 (4-March 2014)


Similar Part No. - 2N3251

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3251 BOCA-2N3251 Datasheet
183Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3251 MICROSEMI-2N3251 Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Seme LAB
2N3251 SEME-LAB-2N3251 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
logo
Continental Device Indi...
2N3251 CDIL-2N3251 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3251 NJSEMI-2N3251 Datasheet
106Kb / 2P
   GENERAL PURPOSE TRANSISTORS
More results

Similar Description - 2N3251

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com