Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1629-6 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1629-6
Description  PolyPhase, Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629-6 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1629-6_15 Datasheet HTML 7Page - Linear Technology LTC1629-6_15 Datasheet HTML 8Page - Linear Technology LTC1629-6_15 Datasheet HTML 9Page - Linear Technology LTC1629-6_15 Datasheet HTML 10Page - Linear Technology LTC1629-6_15 Datasheet HTML 11Page - Linear Technology LTC1629-6_15 Datasheet HTML 12Page - Linear Technology LTC1629-6_15 Datasheet HTML 13Page - Linear Technology LTC1629-6_15 Datasheet HTML 14Page - Linear Technology LTC1629-6_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1629-6
16296f
OPERATIO
(Refer to Functional Diagram)
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the IC circuitry is derived from INTVCC. When the
EXTVCC pin is left open, an internal 5V low dropout
regulator supplies INTVCC power. If the EXTVCC pin is
taken above 4.7V, the 5V regulator is turned off and an
internal switch is turned on connecting EXTVCC to INTVCC.
This allows the INTVCC power to be derived from a high
efficiency external source such as the output of the regu-
lator itself or a secondary winding, as described in the
Applications Information section. An external Schottky
diode can be used to minimize the voltage drop from
EXTVCC to INTVCC in applications requiring greater than
the specified INTVCC current. Voltages up to 7V can be
applied to EXTVCC for additional gate drive capability.
Differential Amplifier
This amplifier provides true differential output voltage
sensing. Sensing both VOUT+ and VOUT– benefits regula-
tion in high current applications and/or applications hav-
ing electrical interconnection losses. The amplifier has an
output slew rate of 5V/
µs and is capable of driving capaci-
tive loads with an output RMS current typically up to
25mA. The amplifier is not capable of sinking current and
therefore must be resistively loaded to do so. The differen-
tial amplifier is configured as a unity-gain differencing
amplifier.
Power Good (PGOOD)
The PGOOD pin is connected to the drain of an internal
MOSFET. The MOSFET turns on when the output is not
within
±10% of its nominal output level as determined by
the feedback divider. When the output is within
±10% of
its nominal value, the MOSFET is turned off within 10
µs
and the PGOOD pin should be pulled up by an external
resistor to a source of up to 7V.
Short-Circuit Detection
The RUN/SS capacitor is used initially to limit the inrush
current from the input power source. Once the controllers
have been given time, as determined by the capacitor on
the RUN/SS pin, to charge up the output capacitors and
provide full load current, the RUN/SS capacitor is then
used as a short-circuit timeout circuit. If the output voltage
falls to less than 70% of its nominal output voltage the
RUN/SS capacitor begins discharging assuming that the
output is in a severe overcurrent and/or short-circuit
condition. If the condition lasts for a long enough period
as determined by the size of the RUN/SS capacitor, the
controller will be shut down until the RUN/SS pin voltage
is recycled. This built-in latchoff can be overidden by
providing a >5
µA pull-up current at a compliance of 5V to
the RUN/SS pin. This current shortens the soft-start
period but also prevents net discharge of the RUN/SS
capacitor during a severe overcurrent and/or short-circuit
condition. Foldback current limiting is activated when the
output voltage falls below 70% of its nominal level whether
or not the short-circuit latchoff circuit is enabled.
APPLICATIO S I FOR ATIO
The basic LTC1629-6 application circuit is shown in Fig-
ure 1 on the first page. External component selection is
driven by the load requirement, and begins with the
selection of RSENSE1, 2. Once RSENSE1, 2 are known, L1 and
L2 can be chosen. Next, the power MOSFETs and D1 and
D2 are selected. The operating frequency and the inductor
are chosen based mainly on the amount of ripple current.
Finally, CIN is selected for its ability to handle the input
ripple current (that PolyPhase operation minimizes) and
COUT is chosen with low enough ESR to meet the output
ripple voltage and load step specifications (also minimized
with PolyPhase). The circuit shown in Figure 1 can be
configured for operation up to an input voltage of 28V
(limited by the external MOSFETs).


Similar Part No. - LTC1629-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1629-6 LINER-LTC1629-6 Datasheet
300Kb / 28P
   PolyPhase, Synchronous
More results

Similar Description - LTC1629-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6_15 Datasheet
353Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC3415 LINER-LTC3415 Datasheet
321Kb / 28P
   7A, PolyPhase Synchronous Step-Down Regulator
LTC3415 LINER-LTC3415_15 Datasheet
320Kb / 28P
   7A, PolyPhase Synchronous Step-Down Regulator
LTC3729 LINER-LTC3729_15 Datasheet
353Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729 Datasheet
342Kb / 28P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729_1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1629 LINER-LTC1629 Datasheet
330Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com