Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1436A-PLL Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1436A-PLL
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436A-PLL Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1436A-PLL_15 Datasheet HTML 3Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 4Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 5Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 6Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 7Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 8Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 9Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 10Page - Linear Technology LTC1436A-PLL_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1436A
LTC1436A-PLL/LTC1437A
14367afb
TYPICAL PERFORMANCE CHARACTERISTICS
Auxiliary Regulator
Sink Current Available
AUX DR VOLTAGE (V)
0
0
5
10
15
20
24
6
8
1436 G19
10
12
14
16
Auxiliary Regulator PSRR
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
100
1000
1436 G20
10mA LOAD
100mA LOAD
PIN FUNCTIONS
VIN: Main Supply Pin. Must be closely decoupled to the
IC’s signal ground pin.
INTVCC: Output of the Internal 5V Regulator and EXTVCC
Switch. The driver and control circuits are powered from
this voltage. Must be closely decoupled to power ground
with a minimum of 2.2
µFtantalumorelectrolyticcapacitor.
DRVCC: Bottom MOSFET Driver Supply Voltage.
EXTVCC: Input to the Internal Switch Connected to INTVCC.
This switch closes and supplies VCC power whenever
EXTVCC is higher than 4.7V. See EXTVCC connection in
Applications Information section. Do not exceed 10V on
this pin. Connect to VOUT if VOUT ≥ 5V.
BOOST: Supply to Topside Floating Driver. The bootstrap
capacitor is returned to this pin. Voltage swing at this pin
is from INTVCC to VIN + INTVCC.
SW: Switch Node Connection to Inductor. Voltage swing
at this pin is from a Schottky diode (external) voltage drop
below ground to VIN.
SGND: Small Signal Ground. Must be routed separately
from other grounds to the (–) terminal of COUT.
PGND: Driver Power Ground. Connects to source of
bottom N-channel MOSFET and the (–) terminal of CIN.
SENSE : The (–) Input to the Current Comparator.
SENSE +: The (+) Input to the Current Comparator. Built-
in offsets between SENSEand SENSE+ pins in conjunction
with RSENSE set the current trip thresholds.
VOSENSE: Receives the remotely sensed feedback voltage
either from the output or from an external resistive divider
across the output . The VPROG pin determines which point
VOSENSE must connect to.
VPROG: This voltage selects the output voltage. For VPROG
< VINTVCC/3 the output is set to 3.3V with VOSENSE
connected to the output. With VPROG > VINTVCC/1.5 the
output is set to 5V with VOSENSE connected to the output.
Leaving VPROG open (DC) allows the output voltage to be
set by an external resistive divider connected to VOSENSE.
COSC: External capacitor COSC from this pin to ground sets
the operating frequency.
ITH: Error Amplifier Compensation Point. The current
comparator threshold increases with this control voltage.
Nominal voltage range for this pin is 0V to 2.5V.
RUN/SS: Combination of Soft Start and Run Control
Inputs. A capacitor to ground at this pin sets the ramp time
to full current output. The time is approximately 0.5s/
µF.
LOAD CURRENT (A)
0.001
50
55
65
70
75
100
100
10
1
0.1
0.01
0.001
85
0.01
0.1
1
1436 G21
60
90
95
80
10
POWER LOSS
VIN = 10V
VOUT = 5V
RSENSE = 0.033Ω
EFFICIENCY
Efficiency and Power Loss vs
Load Current


Similar Part No. - LTC1436A-PLL_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1436A-PLL LINER-LTC1436A-PLL Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1436A-PLL_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438 Datasheet
596Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com