Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1436A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1436A
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436A Datasheet(HTML) 1 Page - Linear Technology

  LTC1436A_15 Datasheet HTML 1Page - Linear Technology LTC1436A_15 Datasheet HTML 2Page - Linear Technology LTC1436A_15 Datasheet HTML 3Page - Linear Technology LTC1436A_15 Datasheet HTML 4Page - Linear Technology LTC1436A_15 Datasheet HTML 5Page - Linear Technology LTC1436A_15 Datasheet HTML 6Page - Linear Technology LTC1436A_15 Datasheet HTML 7Page - Linear Technology LTC1436A_15 Datasheet HTML 8Page - Linear Technology LTC1436A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1436A
LTC1436A-PLL/LTC1437A
14367afb
High Efficiency Low Noise
Synchronous Step-Down
Switching Regulators
Figure 1. High Efficiency Step-Down Converter
Maintains Constant Frequency at Low Output Currents
Programmable Fixed Frequency (PLL Lockable)
Wide VIN Range: 3.5V to 36V Operation
Low Minimum On-Time (
300ns) for High
Frequency, Low Duty Cycle Applications
Dual N-Channel MOSFET Synchronous Drive
Very Low Dropout Operation: 99% Duty Cycle
Low Dropout, 0.5A Linear Regulator for CPU I/O
or Low Noise Audio Supplies
Built-In Power-On Reset Timer
Programmable Soft Start
Low-Battery Detector
Remote Output Voltage Sense
Foldback Current Limiting (Optional)
Pin Selectable Output Voltage
Logic Controlled Micropower Shutdown: IQ < 25µA
Output Voltages from 1.19V to 9V
Available in 24-Lead Narrow SSOP and 28-Lead
SSOP Packages
The LTC
®1436A/LTC1437A are synchronous step-down
switching regulator controllers that drive external
N-channel power MOSFETs in a phase lockable, fixed
frequency architecture. The Adaptive Power
TM output stage
selectively drives two N-channel MOSFETs at frequencies
up to 400kHz while reducing switching losses to maintain
high efficiencies at low output currents.
An auxiliary 0.5A linear regulator using an external PNP
pass device provides a low noise, low dropout voltage
source. A secondary winding feedback control pin (SFB)
guarantees regulation regardless of the load on the main
output by forcing continuous operation.
An additional comparator is available for use as a low-
battery detector. A power-on reset timer (POR) is included
which generates a signal delayed by 65536/fCLK (300ms
typically) after the output is within 5% of the regulated
output voltage. Internal resistive dividers provide pin
selectable output voltages with remote sense capability.
The operating current level is user-programmable via an
external current sense resistor. Wide input supply range
allows operation from 3.5V to 30V (36V maximum).
Notebook and Palmtop Computers, PDAs
Cellular Telephones and Wireless Modems
Portable Instruments
Battery-Operated Devices
DC Power Distribution Systems
COSC
RUN/SS
VIN
VPROG
+
+
+
VIN
4.5V TO 22V
CB
0.1
µF
4.7
µF
1000pF
LTC1436A
M1
Si4412DY
L1
4.7
µH
RSENSE
0.02
COUT
100
µF
6.3V
×2
R1
35.7k
R2
102k
CIN
22
µF
35V
×2
COSC
43pF
CSS
0.1
µF
CC
510pF
100pF
RC
10k
VOUT
1.6V
5A
M2
Si4412DY
D1
MBRS140T3
SENSE+
SENSE
SGND
M3
IRLML2803
DB
CMDSH-3
TGL
TGS
SW
BOOST
BG
PGND
1436 F01
INTVCC
ITH
VOSENSE
, LTC and LT are registered trademarks of Linear Technology Corporation.
Adaptive Power is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6304066, 5929620, 6580258,
5705919, 5731731
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1436A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1436A-PLL LINER-LTC1436A-PLL Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436ACGN LINER-LTC1436ACGN Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436ACGN-PLL LINER-LTC1436ACGN-PLL Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436AIGN LINER-LTC1436AIGN Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1436A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX Datasheet
451Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438 Datasheet
596Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com