Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUD670S Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STUD670S
Description  Super high dense cell design for low RDS(ON).
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD670S Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STUD670S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD670S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
V
gFS
S
CISS
2854
pF
COSS
146
pF
CRSS
125
pF
36
31
109
28
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=30V
ID=1A
VGS=10V
RGEN= 6 ohm
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=10V , ID=18A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=48V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
b
f=1.0MHz
b
www.samhop.com.tw
2
VSD
nC
Qgs
nC
Qgd
3.2
8.6
Gate-Drain Charge
Gate-Source Charge
Diode Forward Voltage
VDS=30V,ID=18A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=2A
0.75
1.3
V
1
1.8
3
39
Apr,29,2014
Ver 1.0
STU670S
STD670S
12
m ohm
VGS=10V , ID=18A
RDS(ON)
Drain-Source On-State Resistance
15
17
m ohm
VGS=4.5V , ID=15A
23
Qg
nC
26
Total Gate Charge
VDS=30V,ID=18A,VGS=10V
nC
VDS=30V,ID=18A,VGS=4.5V
13
Notes
a.Surface Mounted on FR4 Board of 1 inch2 , 1oz.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Starting TJ=25°C,L=0.5mH,VDD = 30V.(See Figure13)


Similar Part No. - STUD670S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD600S SAMHOP-STUD600S Datasheet
216Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
STUD602S SAMHOP-STUD602S Datasheet
125Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD608S SAMHOP-STUD608S Datasheet
102Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD609S SAMHOP-STUD609S Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD670S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com