Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN62D0LFB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN62D0LFB
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0LFB Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN62D0LFB_15 Datasheet HTML 1Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 2Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 3Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 4Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 5Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 6Page - Diodes Incorporated DMN62D0LFB_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN62D0LFB
Document number: DS35409 Rev. 5 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN62D0LFB
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
I , DRAIN SOURCE CURRENT
D
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
R
( ) Ave @ V =2.5V
DS(ON)
G
R
( ) Ave @ V =4.5V
DS(ON)
G
R
( ) Ave @ V =1.8V
DS(ON)
G
0
0.1
0.2
0.3
0.4
I , DRAIN SOURCE CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0.1
1
10
V
= 5.0V
GS
Ave R
( ) @ 150 C
DS(ON) 
Ave R
( ) @ -55 C
DS(ON) 
Ave R
( ) @ 25 C
DS(ON) 
Ave R
( ) @ 85 C
DS(ON) 
Ave R
( ) @ 125 C
DS(ON) 
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 5 On-Resistance Variation with Temperature
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 6 Gate Threshold Variation vs. Ambient Temperature
0.001
0.01
0.1
1
0.1
0.3
0.5
0.7
0.9
1.1
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Diodes Forward Voltage vs. Current
0
5
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 8 Typical Junction Capacitance


Similar Part No. - DMN62D0LFB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D0LFB DIODES-DMN62D0LFB_17 Datasheet
507Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN62D0LFB_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com