Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1199L Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1199L
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199L Datasheet(HTML) 5 Page - Linear Technology

  LTC1199L_15 Datasheet HTML 1Page - Linear Technology LTC1199L_15 Datasheet HTML 2Page - Linear Technology LTC1199L_15 Datasheet HTML 3Page - Linear Technology LTC1199L_15 Datasheet HTML 4Page - Linear Technology LTC1199L_15 Datasheet HTML 5Page - Linear Technology LTC1199L_15 Datasheet HTML 6Page - Linear Technology LTC1199L_15 Datasheet HTML 7Page - Linear Technology LTC1199L_15 Datasheet HTML 8Page - Linear Technology LTC1199L_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1197/LTC1197L
LTC1199/LTC1199L
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.4
2.4
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
– 2.5
– 2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.5
4.74
4.5
4.74
V
VCC = 4.75V, IO = 360µA
q
2.4
4.72
2.4
4.72
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
45
mA
IREF
Reference Current (LTC1197)
CS = VCC
q
0.001
3
µA
fSMPL = fSMPL(MAX)
q
0.5
1
mA
ICC
Supply Current
CS = VCC
q
0.001
3
0.001
3
µA
fSMPL = fSMPL(MAX)
q
4.5
8
5
8.5
mA
PD
Power Dissipation
fSMPL = fSMPL(MAX)
22.5
25
mW
The q denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, unless otherwise noted.
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.7V, VREF = 2.5V, unless otherwise noted.
LTC1197L
LTC1199L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
1.9
1.9
V
VIL
Low Level Input Voltage
VCC = 2.7V
q
0.45
0.45
V
IIH
High Level Input Current
VIN = VCC
q
2.5
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
– 2.5
– 2.5
µA
VOH
High Level Output Voltage
VCC = 2.7V, IO = 10µA
q
2.3
2.60
2.3
2.60
V
VCC = 2.7V, IO = 360µA
q
2.1
2.45
2.1
2.45
V
VOL
Low Level Output Voltage
VCC = 2.7V, IO = 400µA
q
0.3
0.3
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 6.5
– 6.5
mA
ISINK
Output Sink Current
VOUT = VCC
11
11
mA
IREF
Reference Current (LTC1197L)
CS = VCC
q
0.001
3.0
µA
fSMPL = fSMPL(MAX)
q
0.250
0.5
mA
ICC
Supply Current
CS = VCC
q
0.001
3
0.001
3
µA
fSMPL = fSMPL(MAX)
q
0.8
2
0.8
2
mA
PD
Power Dissipation
fSMPL = fSMPL(MAX)
2.2
2.2
mW


Similar Part No. - LTC1199L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199LC LINER-LTC1199LC Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCMS8 LINER-LTC1199LCMS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCMS8 LINER-LTC1199LCMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCS8 LINER-LTC1199LCS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199LCS8 LINER-LTC1199LCS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com