Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1199 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1199
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1199_15 Datasheet HTML 4Page - Linear Technology LTC1199_15 Datasheet HTML 5Page - Linear Technology LTC1199_15 Datasheet HTML 6Page - Linear Technology LTC1199_15 Datasheet HTML 7Page - Linear Technology LTC1199_15 Datasheet HTML 8Page - Linear Technology LTC1199_15 Datasheet HTML 9Page - Linear Technology LTC1199_15 Datasheet HTML 10Page - Linear Technology LTC1199_15 Datasheet HTML 11Page - Linear Technology LTC1199_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1197/LTC1197L
LTC1199/LTC1199L
LTC1197L Change in Gain Error
vs Supply Voltage
LTC1197L Change in Offset
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
0.6
1.0
4
1197/99 G10
– 0.4
– 0.8
0.4
0.2
0.8
– 0.2
– 0.6
– 1.0
1
2
3
5
VREF = 2.5V
fCLK = 3.5MHz
LTC1197L Change in Linearity
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
– 0.5
0
0.5
1.0
1.5
2.0
4
1197/99 G11
–1.0
–1.5
– 2.0
1
2
3
5
VREF = 2.5V
fCLK = 3.5MHz
SUPPLY VOLTAGE (V)
0
0.2
0.6
1.0
4
1197/99 G12
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
– 1.0
1
2
3
5
VREF = 2.5V
fCLK = 3.5MHz
LTC1197 Offset Error
vs Reference Voltage
LTC1197 Gain Error
vs Reference Voltage
LTC1197 Change in Linearity
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
– 1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
59
1197/99 G13
– 0.6
0.6
0.8
0.2
13
6
7
8
VREF = 4V
fCLK = 7MHz
TA = 25°C
LTC1197 Change in Offset
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
– 2.0
1.5
2.0
1.0
0.5
0
– 0.5
–1.0
–1.5
1197/99 G14
123456789
VREF = 4V
fCLK = 7MHz
TA = 25°C
LTC1197 Change in Gain Error
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
– 2.0
1.0
0.5
0
1.5
2.0
2
4
59
1197/99 G15
–1.5
–1.0
– 0.5
13
6
7
8
VREF = 4V
fCLK = 7MHz
TA = 25°C
LTC1197 Linearity Error
vs Reference Voltage
REFERENCE VOLTAGE (V)
0
1.0
1.5
4
1197/99 F16
0.5
0
1
2
3
5
2.0
VCC = 5V
fCLK = 7.2MHz
TA = 25°C
REFERENCE VOLTAGE (V)
0
1.5
2.0
2.5
4
1197/99 G17
1.0
0.5
0
1
2
3
5
VCC = 5V
fCLK = 7.2MHz
TA = 25°C
REFERENCE VOLTAGE (V)
0
1.0
1.5
4
1197/99 F18
0.5
0
1
2
3
5
2.0
VCC = 5V
fCLK = 7.2MHz
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1199_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199C LINER-LTC1199C Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CS8 LINER-LTC1199CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CS8 LINER-LTC1199CS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199I LINER-LTC1199I Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com