Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1198 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1198
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1198 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1198_15 Datasheet HTML 5Page - Linear Technology LTC1198_15 Datasheet HTML 6Page - Linear Technology LTC1198_15 Datasheet HTML 7Page - Linear Technology LTC1198_15 Datasheet HTML 8Page - Linear Technology LTC1198_15 Datasheet HTML 9Page - Linear Technology LTC1198_15 Datasheet HTML 10Page - Linear Technology LTC1198_15 Datasheet HTML 11Page - Linear Technology LTC1198_15 Datasheet HTML 12Page - Linear Technology LTC1198_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC1196/LTC1198
9
119698fb
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Nonlinearity
vs Code at 2.7V
Effective Bits and S/(N + D)
vs Input Frequency
Digital Input Logic Threshold
vs Supply Voltage
DOUT Delay Time
vs Supply Voltage
DOUT Delay Time vs Temperature
Input Channel Leakage Current
vs Temperature
Integral Nonlinearity
vs Code at 5V
Differential Nonlinearity
vs Code at 5V
SUPPLY VOLTAGE (V)
2.5
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
4.0
5.0
1196/98 G16
3.0
3.5
4.5
5.5
6.0
TA = 25°C
SUPPLY VOLTAGE (V)
2.5
140
120
100
80
60
40
20
0
4.0
5.0
1196/98 G17
3.0
3.5
4.5
5.5
6.0
TA = 25°C
VREF = VCC
TEMPERATURE (°C)
–60
160
140
120
100
80
60
40
20
0
100
1196/98 G18
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = VCC
VCC = 2.7V
Integral Nonlinearity
vs Code at 2.7V
TEMPERATURE (°C)
–60
1000
100
10
1
0.1
0.01
100
1196/98 G19
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = 5V
ON CHANNEL
OFF CHANNEL
CODE
0
0.5
64
128
160
1196/98 G20
32
96
192 224
256
0
–0.5
VCC = 5V
VREF = 5V
fCLK = 12MHz
CODE
0
0.5
64
128
160
1196/98 G21
32
96
192 224
256
0
–0.5
VCC = 5V
VREF = 5V
fCLK = 12MHz
CODE
0
0.5
64
128
160
1196/98 G22
32
96
192 224
256
0
–0.5
VCC = 2.7V
VREF = 2.5V
fCLK = 3MHz
CODE
0
0.5
64
128
160
1196/98 G23
32
96
192 224
256
0
–0.5
VCC = 2.7V
VREF = 2.5V
fCLK = 3MHz
INPUT FREQUENCY (Hz)
1k
8
7
6
5
4
3
2
1
0
10k
100k
1M
1196/98 G24
50
44
VREF =VCC = 2.7V
fSMPL = 383kHz (LTC1196)
fSMPL = 287kHz (LTC1198)
VREF =VCC = 5V
fSMPL = 1MHz (LTC1196)
fSMPL = 750kHz (LTC1198)
TA = 25°C


Similar Part No. - LTC1198_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198-1AC LINER-LTC1198-1AC Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1198-1ACS8 LINER-LTC1198-1ACS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1198-1ACS8-PBF LINER-LTC1198-1ACS8-PBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198-1ACS8-TRPBF LINER-LTC1198-1ACS8-TRPBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198-1BC LINER-LTC1198-1BC Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1198_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com