Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1197 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1197
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1197_15 Datasheet HTML 2Page - Linear Technology LTC1197_15 Datasheet HTML 3Page - Linear Technology LTC1197_15 Datasheet HTML 4Page - Linear Technology LTC1197_15 Datasheet HTML 5Page - Linear Technology LTC1197_15 Datasheet HTML 6Page - Linear Technology LTC1197_15 Datasheet HTML 7Page - Linear Technology LTC1197_15 Datasheet HTML 8Page - Linear Technology LTC1197_15 Datasheet HTML 9Page - Linear Technology LTC1197_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1197/LTC1197L
LTC1199/LTC1199L
AC CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figures 1, 2)
q
1.4
1.4
µs
fSMPL(MAX)
Maximum Sampling Frequency
q
500
450
kHz
tdDO
Delay Time, CLK
↑ to DOUT Data Valid CLOAD = 20pF
68
78
68
78
ns
q
100
100
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
q
75
150
75
150
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
CLOAD = 20pF
q
40
68
40
68
ns
thDO
Time Output Data Remains
CLOAD = 20pF
q
15
55
15
55
ns
Valid After CLK
tr
DOUT Rise Time
CLOAD = 20pF
q
10
20
10
20
ns
tf
DOUT Fall Time
CLOAD = 20pF
q
10
20
10
20
ns
CIN
Input Capacitance
Analog Input On Channel
20
20
pF
Analog Input Off Channel
5
5
pF
Digital Input
5
5
pF
LTC1197L
LTC1199L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figures 1, 2)
q
2.9
2.9
µs
fSMPL(MAX)
Maximum Sampling Frequency
q
250
210
kHz
tdDO
Delay Time, CLK
↑ to DOUT Data Valid CLOAD = 20pF
130
180
130
180
ns
q
250
250
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
q
120
250
120
250
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
CLOAD = 20pF
q
100
200
100
200
ns
thDO
Time Output Data Remains
CLOAD = 20pF
q
30
120
30
120
ns
Valid After CLK
tr
DOUT Rise Time
CLOAD = 20pF
q
15
40
15
40
ns
tf
DOUT Fall Time
CLOAD = 20pF
q
15
40
15
40
ns
CIN
Input Capacitance
Analog Input On Channel
20
20
pF
Analog Input Off Channel
5
5
pF
Digital Input
5
5
pF
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured after the channel selection.


Similar Part No. - LTC1197_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197C LINER-LTC1197C Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197CMS8 LINER-LTC1197CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197CS8 LINER-LTC1197CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197CS8 LINER-LTC1197CS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197I LINER-LTC1197I Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1197_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com